Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7730S Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7730S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7730S Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7730S Datasheet HTML 1Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 2Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Rev. 1.00
2
February 22, 2012
HT77xxS
Block Diagram
VO UT
GN D
Vr ef
PF M Co nt ro l
OS C
Bu ff er
LX
Ch ip E nabl e
CE
VO UT
Pin Assignment
GN D
SO T8 9
Fr on t Vi ew
Bo tt om V ie w
SO T2 3- 5
CE
VO UT
GN DV OU T
T op Vi ew
TO 92
VO UT
GN D
LX
VO UT
LX
LX
LX
GN D
NC
CE
VO UT NC
12
3
12
3
12
3
4
5
SO T2 3
VO UT
To p Vi ew
LX
GN D
3
2
1
LX
GN D
Pin Description
Pin No.
Pin Name
Description
TO92
SOT89
SOT23
SOT23-5
—
—
—
1
CE
Chip enable pin, high active
2
2
3
2
VOUT
DC/DC converter output monitoring pin
—
—
—
3
NC
No connection
1
1
1
4
GND
Ground pin
3
3
2
5
LX
Switching pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com