Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7730S Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7730S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7730S Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7730S Datasheet HTML 1Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 2Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev. 1.00
1
February 22, 2012
Rev. 1.00
PB
February 22, 2012
HT77xxS
100mA PFM Synchronous
Step-up DC/DC Converter
Features
• Lowstart-upvoltage:0.7V(Typ.)
• Highefficiency:1.8V≤ VOUT≤ 2.2Vupper80%,
2.7V≤ VOUT≤ 5.0Vupper85%(Typ.)
• Highoutputvoltageaccuracy:±2.5%
• Outputvoltage:1.8V,2.2V,2.7V,3.0V,3.3V,3.7V,
5.0V
• Outputcurrentupto100mA
• UltralowsupplycurrentIDD:4μA(Typ.)
• Lowrippleandlownoise
• Lowshutdowncurrent:0.1μA(Typ.)
• TO92,SOT89,SOT23andSOT23-5package
Applications
• Palmtops/PDAs
• Portablecommunicators/Smartphones
• Cameras/Camcorders
• Battery-poweredequipment
General Description
TheHT77xxSdevicesareahighefficiencyPFMsyn-
chronousstep-upDC-DCconverterserieswhichare
designedtooperatewithbothwirewoundchippower
inductorsandalsowithmulti-layeredchippower
inductors.Thedeviceserieshavetheadvantagesof
extremelylowstart-upvoltageaswellashighoutput
voltageaccuracy.BeingmanufacturedusingCMOS
technologyensuresultralowsupplycurrent.Because
oftheirhigheroperatingfrequency,upto500kHz,
thedeviceshavethebenefitsofrequiringsmallerout-
linetypelowervalueexternalinductorsandcapaci-
tors.Thehigheroperatingfrequencyalsooffersthe
advantagesofmuchreducedaudiofrequencynoise.
Thedevicesrequireonlythreeexternalcomponents
toprovideafixedoutputvoltageof1.8V,2.2V,2.7V,
3.0V,3.3V,3.7Vor5.0V.
TheHT77xxSdevicesincludeaninternaloscillator,
PFMcontrolcircuit,drivertransistor,referencevolt-
ageunitandahighspeedcomparator.Theyemploy
pulsefrequencymodulationtechniques,toobtain
minimumsupplycurrentandrippleatlightoutput
loading.Thesedevicesareavailableinspacesaving
TO92,SOT89,SOT23andSOT23-5packages.For
SOT23-5packagetypes,theyalsoincludeaninternal
chipenablefunctiontoreducepowerconsumption
whenintheshutdownmode.
Selection Table
Part No.
Output Voltage
Tolerance
Package
HT7718S
1.8V
±2.5%
TO92
SOT89
SOT23
SOT23-5
HT7722S
2.2V
HT7727S
2.7V
HT7730S
3.0V
HT7733S
3.3V
HT7737S
3.7V
HT7750S
5.0V


Similar Part No. - HT7730S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7730S HOLTEK-HT7730S Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
HT7730SA HOLTEK-HT7730SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results

Similar Description - HT7730S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
PFM Asynchronous Step-up DC to DC Converter (100mA)
October 13, 2010
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
PFM Asynchronous Step-up DC to DC Converter (100mA)
June 25, 2016
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com