Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7730S Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT7730S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7730S Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT7730S Datasheet HTML 17Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 18Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 19Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 20Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 21Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 22Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 23Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 24Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Rev. 1.00
21
February 22, 2012
HT77xxS
5-pin SOT23-5 Outline Dimensions
D
H
E
e
A2
b
A1
A
C
L
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.039
―
0.051
A1
―
―
0.004
A2
0.028
―
0.035
b
0.014
―
0.020
C
0.004
―
0.010
D
0.106
―
0.122
E
0.055
―
0.071
e
―
0.075
―
H
0.102
―
0.118
L
0.015
―
―
θ
0°
―
9°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.00
―
1.30
A1
―
―
0.10
A2
0.70
―
0.90
b
0.35
―
0.50
C
0.10
―
0.25
D
2.70
―
3.10
E
1.40
―
1.80
e
―
1.90
―
H
2.60
―
3.00
L
0.37
―
―
θ
0°
―
9°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com