Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB50QN Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KUSB50QN Datasheet HTML 1Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2010. 2. 10
4/10
KUSB50QN
Revision No : 0
AC Electrical Characteristics⑴ (Ta = -40~85℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE NO.
Propagation Delay(2)
tPD
VCC=3.3V, RL=50Ω, CL=5pF
-
0.25
-
ns
9
Turn-On Time
tON
3.0≤VCC≤3.6V, VSW=0.8V,
RL=50Ω, CL=5pF
-
13.0
30.0
ns
10
Turn-Off Time
tOFF
3.0≤VCC≤3.6V, VSW=0.8V,
RL=50Ω, CL=5pF
-
12.0
25.0
ns
Break-Before-Make
tBBM
3.0≤VCC≤3.6V, VSW=0.8V,
RL=50Ω, CL=5pF
2.0
-
6.5
ns
11
-3dB Bandwidth
BW
3.0≤VCC≤3.6V,
RT=50Ω
CL=0pF
-
720
-
㎒
13
CL=5pF
-
550
-
Off Isolation
(Non-Adjacent)
OIRR
3.0≤VCC≤3.6V,
RT=50Ω, f=240㎒
-
-30.0
-
dB
14
Channel Crosstalk
(Non-Adjacent)
XTALK
3.0≤VCC≤3.6V,
RT=50Ω, f=240㎒
-
-45.0
-
dB
15
AC Electrical Characteristics For USB2.0 High-Speed Switching ⑴ (Ta = -40~85℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE NO.
Skew of Opposite Transitions
of the Same Output(2)
tSK(P)
3.0≤VCC≤3.6V,
RL=50Ω, CL=5pF
-
20
-
ps
12
Channel-to-Channel Skew(2)
tSK(O)
3.0≤VCC≤3.6V,
RL=50Ω, CL=5pF
-
50
-
ps
Total Jitter(2)
tJ(2)
3.0≤VCC≤3.6V, RL=50Ω, CL=5pF
tR=tF=500ps at 480Mbps
-
200
-
ps
-
Note(2) : Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com