Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB50QN Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KUSB50QN Datasheet HTML 1Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2010. 2. 10
1/10
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
HIGH-SPEED(480Mbps) USB2.0 DPDT SWITCH
DESCRIPTION
The KUSB50QN is a High-Speed(480Mbps) USB2.0 signal switch.
Configured as a double-pole double-throw (DPDT) switch, it is optimized
for switching between 2 Hi-Speed sources or a Hi-Speed(480Mbps) and
Full-Speed(12Mbps) source. Its wide Bandwidth (720MHz) is wide enough
to pass High-Speed USB2.0 differential signals. Industry-leading advantages
include a propagation delay of less than 250ps, resulting from its low channel
resistance and low on capacitance. It is bidirectional and offers little or no
attenuation of the High-Speed signal at the outputs.
Its high channel-to-channel crosstalk rejection results in minimal noise
interference. The switch is designed to minimize current consumption even
when the control voltage applied to the S pin, is lower than the VCC. The
KUSB50QN also offers over-voltage protection per the USB2.0 Specification.
With the chip powered ON or OFF, all data I/O pins can withstand a short to
Vbus(5.25V).
FEATURES
・USB2.0 compliant (High-speed and Full-speed).
・Low On Resistance, 5.5Ω(Typ) @ V
CC=3V .
・Channel On Capacitance, 6.5㎊(Typ) @ f=1㎒.
・Low Power Consumption (Max :1㎂)
: 10㎂Maximum ICCT over an Expanded Voltage Range
(VIN=1.8V, VCC=4.3V).
・Wide-3dB bandwidth, >720MHz.
・High ESD Protection.
:Data Pin ESD Rating : 8.0kV(HBM)
Control Pin ESD Rating : 8.0kV(HBM)
Power/GND ESD Rating : > 20kV(HBM)
All pins ESD Rating : 300V(MM).
・Power Off protection
: When VCC =0V, D+/D -can tolerate up to 5.25V
APPLICATIONS
・Routes signals for USB2.0
・Differential Signal Data Routing
・Hand-held devices
QFN-10
D
C
B
A
J
H
G
E
F
1.80
0.05
1.40
0.05
0.40
0.10
0.20 REF
0.20 REF
0.40 REF
0.80 REF
0.05 Max
MILLIMETERS
C
E
F
J
K
I
G
H
D
A
B
DIM
+
_
0.85
0.05
+
_
0.50
0.10
+
_
0.20
0.05
+
_
+
_
+
_
TOP VIEW
SIDE VIEW 1
BOTTOM VIEW
SIDE VIEW 2
I
K
Pin 1
CO.1
KUSB50QN
HIGH-SPEED USB2.0 DPDT SWITCH
Marking
U2
0 A


Similar Part No. - KUSB50QN

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
272Kb / 3P
Dual-Channel Picoammeter
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
More results

Similar Description - KUSB50QN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
logo
Protek Devices
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
LoPro??DPDT USB2.0 Switch
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
A4732 AITSEMI-A4732 Datasheet
569Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com