Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB50QN Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 6 Page - KEC(Korea Electronics)

Back Button KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2010. 2. 10
6/10
KUSB50QN
Revision No : 0
Time ( x 10
-8)(s)
-0.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fig. 3 Full-Speed Eye Diagram
Measurement Name
Minimum
Maximum
Mean
RMS
STATUS
Eye Diagram Test
-
-
-
-
PASS
Signal Rate (Mbps)
11.98705
12.02102
12.00205
12.00283
PASS
Crossover Voltage
1.622501
1.735276
1.678898
-
PASS
EOP Width (Bits)
-
167.017
-
PASS
Rise Time (ns)
7.2297
7.5460
7.3464
7.3472
PASS
Fall Time (ns)
7.1852
7.6988
7.4212
7.4230
PASS
Consecutive Jitter Range
-188.3988ps to 140.1242ps RMS Jitter 91.71091ps
PASS
KJ Paired Jitter Range
-178.1923ps to 110.7530ps RMS Jitter 137.6440ps
PASS
JK Paired Jitter Range
-116.2675ps to 86.31155ps RMS Jitter 78.24693ps
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com