Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB50QN Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KUSB50QN Datasheet HTML 1Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2010. 2. 10
5/10
KUSB50QN
Revision No : 0
HSD1+
HSD1-
HSD2+
HSD2-
VCC
S
D+
D-
OE
Set Top Box
(STB) CPU
or DSP
Processor
USB2.0
Controller
DVR or
Mass Storage
Controller
KUSB50QN
USB
Connector
Control
Application Information
Fig. 1 Application Diagram
Time ( x 10
-9)(s)
-0.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
Fig. 2 High-Speed Eye Diagram
Measurement Name
Minimum
Maximum
Mean
RMS
STATUS
Eye Diagram Test
-
-
-
-
PASS
Signal Rate (Mbps)
442.4563
527.4987
480.0518
481.5582
PASS
EOP Width (Bits)
-
16.56572
-
PASS
Rise Time (ns)
788.3502
2.399811
1.222390
1.304253
PASS
Fall Time (ns)
798.1337
2.396142
1.214730
1.287723
PASS
Consecutive Jitter Range
-157.9ps to 139.6ps RMS Jitter 59.29ps
PASS
KJ Paired Jitter Range
-135.6ps to 138.3ps RMS Jitter 53.00ps
PASS
JK Paired Jitter Range
-110.1ps to 155.5ps RMS Jitter 49.48ps
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com