Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC401B Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 5 Page - Semtech Corporation

  SC401B Datasheet HTML 1Page - Semtech Corporation SC401B Datasheet HTML 2Page - Semtech Corporation SC401B Datasheet HTML 3Page - Semtech Corporation SC401B Datasheet HTML 4Page - Semtech Corporation SC401B Datasheet HTML 5Page - Semtech Corporation SC401B Datasheet HTML 6Page - Semtech Corporation SC401B Datasheet HTML 7Page - Semtech Corporation SC401B Datasheet HTML 8Page - Semtech Corporation SC401B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SC401B
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Power Good (continued)
Power Good start-up Delay Threshold on SS pin
SS voltage when PGOOD goes high
64
%VDD
Fault (noise immunity) Delay Time(2)
5
µs
Leakage
1
µA
Power Good On-Resistance
10
Ω
Fault Protection
Valley Current Limit (3)
VDD = 5V, R
ILIM = 7150 , TJ = 0 to +125 °C
13.5
15
16.5
A
VDD = 3.3V, R
ILIM = 7150
13.5
A
I
LIM Source Current
10
μA
I
LIM Comparator Offset
With respect to AGND
-10
0
+10
mV
Output Under-Voltage Fault
V
FB with respect to internal 600mV reference,
8 consecutive clocks
-25
%
Smart Power Save Protection Threshold (2)
V
FB with respect to internal 600mV reference
+10
%
Over-Voltage Protection Threshold
V
FB with respect to internal 600mV reference
+20
%
Over-Voltage Fault Delay(2)
5
μs
Over-Temperature Shutdown(2)
10°C hysteresis
150
°C
Logic Inputs/Outputs
Logic Input High Voltage
ENL
1.0
V
Logic Input Low Voltage
ENL
0.4
V
EN/PSV Input for PSAVE Operation (2)
VDD = 5V
2.2
5
V
EN/PSV Input for Forced Continuous Operation (2)
1
2
V
EN/PSV Input for Disabling Switcher
0
0.4
V
EN/PSV Input Bias Current
EN/PSV= VDD or AGND
-10
+10
μA
ENL Input Bias Current
ENL = V
IN = 20V
10
18
μA
FBL, FB Input Bias Current
FBL, FB = VDD or AGND
-1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com