Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC401B Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 16Page - Semtech Corporation SC401B Datasheet HTML 17Page - Semtech Corporation SC401B Datasheet HTML 18Page - Semtech Corporation SC401B Datasheet HTML 19Page - Semtech Corporation SC401B Datasheet HTML 20Page - Semtech Corporation SC401B Datasheet HTML 21Page - Semtech Corporation SC401B Datasheet HTML 22Page - Semtech Corporation SC401B Datasheet HTML 23Page - Semtech Corporation SC401B Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SC401B
20
start up process (Figure 8), 40% of the voltage at the SS
pin is used as the reference for the FB comparator. The
PWM comparator issues an on-time pulse when the
voltage at the FB pin is less than 40% of the SS pin. As a
result, the output voltage follows the SS voltage. The
output voltage reaches and maintains regulation when
the soft start voltage is > 1.5V. The time between the first
LX pulse and V
OUT reaching regulation is the soft-start time
(t
SS). The calculation for the soft-start time is shown by the
following equation.
A
3
V
5
.
1
C
t
SS
SS
The voltage at the SS pin continues to ramp up and eventu-
ally equals 64% of V
DD. After the soft start completes, the
FB pin voltage is compared to an internal reference of 0.6V.
The delay time between the V
OUT regulation point and
PGOOD going high is shown by the following equation.
A
3
)
V
5
.
1
V
64
.
0
(
C
t
DD
SS
DELAY
-
PGOOD
Figure 8 — Soft-start Timing Diagram
Pre-Bias Startup
The SC401B can start up normally even when there is an
existing output voltage present. The soft start time is still
the same as normal start up (when the output voltage
starts from zero). The output voltage starts to ramp up
when 40% of the voltage at SS pin meets the existing FB
voltage level. Pre-bias startup is achieved by turning off
the lower gate when the inductor current falls below zero.
This method prevents the output voltage from
discharging.
Power Good Output
The PGOOD (power good) output is an open-drain output
which requires a pull-up resistor. When the voltage at the
FB pin is 10% below the nominal voltage, PGOOD is pulled
low. It is held low until the output voltage returns above
-8% of nominal.
PGOOD will transition low if the V
FB pin exceeds +20% of
nominal, which is also the over-voltage shutdown thresh-
old. PGOOD also pulls low if the EN/PSV pin is low when
VDD is present.
Output Over-Voltage Protection
Over-voltage protection becomes active as soon as the
device is enabled. The threshold is set at 600mV + 20%
(720mV). When V
FB exceeds the OVP threshold, DL latches
high and the low-side MOSFET is turned on. DL remains
high and the controller remains off, until the EN/PSV input
is toggled or VDD is cycled. There is a 5μs delay built into
the OVP detector to prevent false transitions. PGOOD is
also low after an OVP event.
Output Under-Voltage Protection
When V
FB falls 25% below its nominal voltage (falls to
450mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tri-
state the MOSFETs. The controller stays off until EN/PSV is
toggled or VDD is cycled.
VDD UVLO, and POR
UVLO (Under-Voltage Lock-Out) circuitry inhibits switching
and tri-states the DH/DL drivers until VDD rises above 3V.
An internal POR (Power-On Reset) occurs when VDD
exceeds 3V, which resets the fault latch and a soft-start
counter cycle begins which prepares for soft-start. The
SC401B then begins a soft-start cycle. The PWM will shut
off if VDD falls below 2.4V.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com