Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC401B Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 12Page - Semtech Corporation SC401B Datasheet HTML 13Page - Semtech Corporation SC401B Datasheet HTML 14Page - Semtech Corporation SC401B Datasheet HTML 15Page - Semtech Corporation SC401B Datasheet HTML 16Page - Semtech Corporation SC401B Datasheet HTML 17Page - Semtech Corporation SC401B Datasheet HTML 18Page - Semtech Corporation SC401B Datasheet HTML 19Page - Semtech Corporation SC401B Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SC401B
16
Synchronous Buck Converter
The SC401B is a step down synchronous DC-DC buck
converter with integrated power MOSFETs and a 200mA
capable programmable LDO. The device is capable of 15A
operation at very high efficiency. A space saving 5x5 (mm)
32-pin package is used. The programmable operating
frequency of up to 1MHz enables optimizing the configu-
ration for PCB area and efficiency.
The buck controller uses a pseudo-fixed frequency adap-
tive on-time control. This control method allows fast tran-
sient response which permits the use of smaller output
capacitors.
In addition to the following information, the user can
click on the applicable link to go to the SC401B online
C-SIM design and simulation tool, which will lead the
user through the design process.
Input Voltage Requirements
The SC401B requires two input supplies for normal opera-
tion: V
IN and VDD. VIN operates over a wide range from 3V
to 17V. VDD requires a 3V to 5.5V supply input that can be
an external source or the internal LDO configured to
supply 3V to 5.5V from V
IN.
Power Up Sequence
When the SC401B uses an external power source at the
VDD pin, the switching regulator initiates the start up when
V
IN, VDD and EN/PSV are above their respective thresholds.
When EN/PSV is at a logic high, VDD needs to be applied
after V
IN rises. Also, it is recommended to use a 10Ω resistor
between an external power source and the VDD pin. To
start up by using the EN/PSV pin when both VDD and V
IN
are above their respective thresholds, apply EN/PSV to
enable the start-up process. For SC401B in self-biased
mode, refer to the LDO section for a full description.
Shutdown
The SC401B can be shut down by pulling either VDD or
EN/PSV below its threshold. When using an external
power source, it is recommended that the VDD voltage
ramps down before the V
IN voltage. When VDD is active
and EN/PSV at low logic, the output voltage discharges
through an internal FET.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC401B is pseudo-
fixed frequency, adaptive on-time, as shown in Figure 1.
The ripple voltage generated at the output capacitor ESR
is used as a PWM ramp signal. This ripple is used to trigger
the on-time of the controller.
Q1
Q2
L
COUT
ESR
+
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TON
FB
VIN
Figure 1 — PWM Control Method, V
OUT Ripple
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the output
ripple, the device sends a single on-time pulse to the high-
side MOSFET. The pulse period is determined by V
OUT and
V
IN; the period is proportional to output voltage and
inversely proportional to input voltage. With this adaptive
on-time arrangement, the device automatically antici-
pates the on-time needed to regulate V
OUT for the present
V
IN condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency compared to
other variable frequency methods
Reduced component count by eliminating the
error amplifier and compensation components
Reduced component count by removing the
need to sense and control inductor current
Fast transient response — the response time is
controlled by a fast comparator instead of a typi-
cally slow error amplifier.
Reduced output capacitance due to fast tran-
sient response
•
•
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com