Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NDDDFB Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F563NDDDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDFB Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F563NDDDFB Datasheet HTML 59Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 60Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 61Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 62Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 63Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 64Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 65Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 66Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 63 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 71DDh
ICU
DTC activation enable register 221
DTCER221
8
8
2 ICLK
0008 71DFh
ICU
DTC activation enable register 223
DTCER223
8
8
2 ICLK
0008 71E0h
ICU
DTC activation enable register 224
DTCER224
8
8
2 ICLK
0008 71E2h
ICU
DTC activation enable register 226
DTCER226
8
8
2 ICLK
0008 71E3h
ICU
DTC activation enable register 227
DTCER227
8
8
2 ICLK
0008 71E5h
ICU
DTC activation enable register 229
DTCER229
8
8
2 ICLK
0008 71E6h
ICU
DTC activation enable register 230
DTCER230
8
8
2 ICLK
0008 71E8h
ICU
DTC activation enable register 232
DTCER232
8
8
2 ICLK
0008 71E9h
ICU
DTC activation enable register 233
DTCER233
8
8
2 ICLK
0008 71EBh
ICU
DTC activation enable register 235
DTCER235
8
8
2 ICLK
0008 71ECh
ICU
DTC activation enable register 236
DTCER236
8
8
2 ICLK
0008 71EEh
ICU
DTC activation enable register 238
DTCER238
8
8
2 ICLK
0008 71EFh
ICU
DTC activation enable register 239
DTCER239
8
8
2 ICLK
0008 71F1h
ICU
DTC activation enable register 241
DTCER241
8
8
2 ICLK
0008 71F2h
ICU
DTC activation enable register 242
DTCER242
8
8
2 ICLK
0008 71F4h
ICU
DTC activation enable register 244
DTCER244
8
8
2 ICLK
0008 71F5h
ICU
DTC activation enable register 245
DTCER245
8
8
2 ICLK
0008 71F7h
ICU
DTC activation enable register 247
DTCER247
8
8
2 ICLK
0008 71F8h
ICU
DTC activation enable register 248
DTCER248
8
8
2 ICLK
0008 71FAh
ICU
DTC activation enable register 250
DTCER250
8
8
2 ICLK
0008 71FBh
ICU
DTC activation enable register 251
DTCER251
8
8
2 ICLK
0008 7202h
ICU
Interrupt request enable register 02
IER02
8
8
2 ICLK
0008 7203h
ICU
Interrupt request enable register 03
IER03
8
8
2 ICLK
0008 7204h
ICU
Interrupt request enable register 04
IER04
8
8
2 ICLK
0008 7205h
ICU
Interrupt request enable register 05
IER05
8
8
2 ICLK
0008 7206h
ICU
Interrupt request enable register 06
IER06
8
8
2 ICLK
0008 7207h
ICU
Interrupt request enable register 07
IER07
8
8
2 ICLK
0008 7208h
ICU
Interrupt request enable register 08
IER08
8
8
2 ICLK
0008 7209h
ICU
Interrupt request enable register 09
IER09
8
8
2 ICLK
0008 720Bh
ICU
Interrupt request enable register 0B
IER0B
8
8
2 ICLK
0008 720Ch
ICU
Interrupt request enable register 0C
IER0C
8
8
2 ICLK
0008 720Dh
ICU
Interrupt request enable register 0D
IER0D
8
8
2 ICLK
0008 720Eh
ICU
Interrupt request enable register 0E
IER0E
8
8
2 ICLK
0008 720Fh
ICU
Interrupt request enable register 0F
IER0F
8
8
2 ICLK
0008 7210h
ICU
Interrupt request enable register 10
IER10
8
8
2 ICLK
0008 7211h
ICU
Interrupt request enable register 11
IER11
8
8
2 ICLK
0008 7212h
ICU
Interrupt request enable register 12
IER12
8
8
2 ICLK
0008 7213h
ICU
Interrupt request enable register 13
IER13
8
8
2 ICLK
0008 7214h
ICU
Interrupt request enable register 14
IER14
8
8
2 ICLK
0008 7215h
ICU
Interrupt request enable register 15
IER15
8
8
2 ICLK
0008 7216h
ICU
Interrupt request enable register 16
IER16
8
8
2 ICLK
0008 7217h
ICU
Interrupt request enable register 17
IER17
8
8
2 ICLK
0008 7218h
ICU
Interrupt request enable register 18
IER18
8
8
2 ICLK
0008 7219h
ICU
Interrupt request enable register 19
IER19
8
8
2 ICLK
0008 721Ah
ICU
Interrupt request enable register 1A
IER1A
8
8
2 ICLK
0008 721Bh
ICU
Interrupt request enable register 1B
IER1B
8
8
2 ICLK
0008 721Ch
ICU
Interrupt request enable register 1C
IER1C
8
8
2 ICLK
0008 721Dh
ICU
Interrupt request enable register 1D
IER1D
8
8
2 ICLK
0008 721Eh
ICU
Interrupt request enable register 1E
IER1E
8
8
2 ICLK
0008 721Fh
ICU
Interrupt request enable register 1F
IER1F
8
8
2 ICLK
0008 72E0h
ICU
Software interrupt activation register
SWINTR
8
8
2 ICLK
0008 72F0h
ICU
Fast interrupt register
FIR
16
16
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (10/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com