Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NDDDFB Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F563NDDDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDFB Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F563NDDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 73Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 74Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 75Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 76Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 77Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 74 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 8644h
MTU4
Timer A/D converter start request cycle set register A
TADCORA
16
16
2, 3 PCLKB
2 ICLK
0008 8646h
MTU4
Timer A/D converter start request cycle set register B
TADCORB
16
16
2, 3 PCLKB
2 ICLK
0008 8648h
MTU4
Timer A/D converter start request cycle set buffer register A
TADCOBRA
16
16
2, 3 PCLKB
2 ICLK
0008 864Ah
MTU4
Timer A/D converter start request cycle set buffer register B
TADCOBRB
16
16
2, 3 PCLKB
2 ICLK
0008 8660h
MTU
Timer waveform control register
TWCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8680h
MTU
Timer start register
TSTR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8681h
MTU
Timer synchronous register
TSYR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8684h
MTU
Timer read/write enable register
TRWER
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8690h
MTU0
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8691h
MTU1
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8692h
MTU2
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8693h
MTU3
Noise filter control register
NFCR3
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8694h
MTU4
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8695h
MTU5
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8700h
MTU0
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8701h
MTU0
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8702h
MTU0
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 8703h
MTU0
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 8704h
MTU0
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8705h
MTU0
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8706h
MTU0
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8708h
MTU0
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 870Ah
MTU0
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 870Ch
MTU0
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 870Eh
MTU0
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8720h
MTU0
Timer general register E
TGRE
16
16
2, 3 PCLKB
2 ICLK
0008 8722h
MTU0
Timer general register F
TGRF
16
16
2, 3 PCLKB
2 ICLK
0008 8724h
MTU0
Timer interrupt enable register2
TIER2
8
8
2, 3 PCLKB
2 ICLK
0008 8726h
MTU0
Timer buffer operation transfer mode register
TBTM
8
8
2, 3 PCLKB
2 ICLK
0008 8780h
MTU1
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8781h
MTU1
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8782h
MTU1
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8784h
MTU1
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8785h
MTU1
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8786h
MTU1
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8788h
MTU1
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 878Ah
MTU1
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8790h
MTU1
Timer input capture control register
TICCR
8
8
2, 3 PCLKB
2 ICLK
0008 8800h
MTU2
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8801h
MTU2
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8802h
MTU2
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8804h
MTU2
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8805h
MTU2
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8806h
MTU2
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8808h
MTU2
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 880Ah
MTU2
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8880h
MTU5
Timer counter U
TCNTU
16
16
2, 3 PCLKB
2 ICLK
0008 8882h
MTU5
Timer general register U
TGRU
16
16
2, 3 PCLKB
2 ICLK
0008 8884h
MTU5
Timer control register U
TCRU
8
8
2, 3 PCLKB
2 ICLK
0008 8886h
MTU5
Timer I/O control register U
TIORU
8
8
2, 3 PCLKB
2 ICLK
0008 8890h
MTU5
Timer counter V
TCNTV
16
16
2, 3 PCLKB
2 ICLK
0008 8892h
MTU5
Timer general register V
TGRV
16
16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (21/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com