Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NDDDFB Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F563NDDDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDFB Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F563NDDDFB Datasheet HTML 64Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 65Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 66Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 67Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 68Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 69Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 68 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 8146h
TPU3
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8148h
TPU3
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 814Ah
TPU3
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 814Ch
TPU3
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 814Eh
TPU3
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8150h
TPU4
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8151h
TPU4
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8152h
TPU4
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8154h
TPU4
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8155h
TPU4
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8156h
TPU4
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8158h
TPU4
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 815Ah
TPU4
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8160h
TPU5
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8161h
TPU5
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8162h
TPU5
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8164h
TPU5
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8165h
TPU5
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8166h
TPU5
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8168h
TPU5
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 816Ah
TPU5
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8170h
TPUB
Timer start register
TSTR
8
8
2, 3 PCLKB
2 ICLK
0008 8171h
TPUB
Timer synchronous register
TSYR
8
8
2, 3 PCLKB
2 ICLK
0008 8178h
TPU6
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 8179h
TPU7
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 817Ah
TPU8
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 817Bh
TPU9
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 817Ch
TPU10
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 817Dh
TPU11
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 8180h
TPU6
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8181h
TPU6
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8182h
TPU6
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 8183h
TPU6
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 8184h
TPU6
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8185h
TPU6
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8186h
TPU6
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8188h
TPU6
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 818Ah
TPU6
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 818Ch
TPU6
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 818Eh
TPU6
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8190h
TPU7
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8191h
TPU7
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8192h
TPU7
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8194h
TPU7
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8195h
TPU7
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8196h
TPU7
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8198h
TPU7
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 819Ah
TPU7
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 81A0h
TPU8
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 81A1h
TPU8
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 81A2h
TPU8
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 81A4h
TPU8
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (15/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com