Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NDDDFB Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F563NDDDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDFB Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F563NDDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 73Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 74Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 75Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 76Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 77Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 78Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 75 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 8894h
MTU5
Timer control register V
TCRV
8
8
2, 3 PCLKB
2 ICLK
0008 8896h
MTU5
Timer I/O control register V
TIORV
8
8
2, 3 PCLKB
2 ICLK
0008 88A0h
MTU5
Timer counter W
TCNTW
16
16
2, 3 PCLKB
2 ICLK
0008 88A2h
MTU5
Timer general register W
TGRW
16
16
2, 3 PCLKB
2 ICLK
0008 88A4h
MTU5
Timer control register W
TCRW
8
8
2, 3 PCLKB
2 ICLK
0008 88A6h
MTU5
Timer I/O control register W
TIORW
8
8
2, 3 PCLKB
2 ICLK
0008 88B2h
MTU5
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 88B4h
MTU5
Timer start register
TSTR
8
8
2, 3 PCLKB
2 ICLK
0008 88B6h
MTU5
Timer compare match clear register
TCNTCMPCLR
8
8
2, 3 PCLKB
2 ICLK
0008 8900h
POE
Input level control/status register 1
ICSR1
16
16
2, 3 PCLKB
2 ICLK
0008 8902h
POE
Output level control/status register 1
OCSR1
16
16
2, 3 PCLKB
2 ICLK
0008 8908h
POE
Input level control/status register 2
ICSR2
16
16
2, 3 PCLKB
2 ICLK
0008 890Ah
POE
Software port output enable register
SPOER
8
8
2, 3 PCLKB
2 ICLK
0008 890Bh
POE
Port output enable control register 1
POECR1
8
8
2, 3 PCLKB
2 ICLK
0008 890Ch
POE
Port output enable control register 2
POECR2
8
8
2, 3 PCLKB
2 ICLK
0008 890Eh
POE
Input level control/status register 3
ICSR3
16
16
2, 3 PCLKB
2 ICLK
0008 9000h
S12AD
A/D control register
ADCSR
8
8
2, 3 PCLKB
2 ICLK
0008 9004h
S12AD
A/D channel select register 0
ADANS0
16
16
2, 3 PCLKB
2 ICLK
0008 9006h
S12AD
A/D channel select register 1
ADANS1
16
16
2, 3 PCLKB
2 ICLK
0008 9008h
S12AD
A/D-converted value addition mode select register 0
ADADS0
16
16
2, 3 PCLKB
2 ICLK
0008 900Ah
S12AD
A/D-converted value addition mode select register 1
ADADS1
16
16
2, 3 PCLKB
2 ICLK
0008 900Ch
S12AD
A/D-converted value addition count select register
ADADC
8
8
2, 3 PCLKB
2 ICLK
0008 900Eh
S12AD
A/D control extended register
ADCER
16
16
2, 3 PCLKB
2 ICLK
0008 9010h
S12AD
A/D start trigger select register
ADSTRGR
8
8
2, 3 PCLKB
2 ICLK
0008 9012h
S12AD
A/D-converted extended input control register
ADEXICR
16
16
2, 3 PCLKB
2 ICLK
0008 901Ah
S12AD
A/D temperature sensor data register
ADTSDR
16
16
2, 3 PCLKB
2 ICLK
0008 901Ch
S12AD
A/D internal reference voltage data register
ADOCDR
16
16
2, 3 PCLKB
2 ICLK
0008 9020h
S12AD
A/D data register 0
ADDR0
16
16
2, 3 PCLKB
2 ICLK
0008 9022h
S12AD
A/D data register 1
ADDR1
16
16
2, 3 PCLKB
2 ICLK
0008 9024h
S12AD
A/D data register 2
ADDR2
16
16
2, 3 PCLKB
2 ICLK
0008 9026h
S12AD
A/D data register 3
ADDR3
16
16
2, 3 PCLKB
2 ICLK
0008 9028h
S12AD
A/D data register 4
ADDR4
16
16
2, 3 PCLKB
2 ICLK
0008 902Ah
S12AD
A/D data register 5
ADDR5
16
16
2, 3 PCLKB
2 ICLK
0008 902Ch
S12AD
A/D data register 6
ADDR6
16
16
2, 3 PCLKB
2 ICLK
0008 902Eh
S12AD
A/D data register 7
ADDR7
16
16
2, 3 PCLKB
2 ICLK
0008 9030h
S12AD
A/D data register 8
ADDR8
16
16
2, 3 PCLKB
2 ICLK
0008 9032h
S12AD
A/D data register 9
ADDR9
16
16
2, 3 PCLKB
2 ICLK
0008 9034h
S12AD
A/D data register 10
ADDR10
16
16
2, 3 PCLKB
2 ICLK
0008 9036h
S12AD
A/D data register 11
ADDR11
16
16
2, 3 PCLKB
2 ICLK
0008 9038h
S12AD
A/D data register 12
ADDR12
16
16
2, 3 PCLKB
2 ICLK
0008 903Ah
S12AD
A/D data register 13
ADDR13
16
16
2, 3 PCLKB
2 ICLK
0008 903Ch
S12AD
A/D data register 14
ADDR14
16
16
2, 3 PCLKB
2 ICLK
0008 903Eh
S12AD
A/D data register 15
ADDR15
16
16
2, 3 PCLKB
2 ICLK
0008 9040h
S12AD
A/D data register 16
ADDR16
16
16
2, 3 PCLKB
2 ICLK
0008 9042h
S12AD
A/D data register 17
ADDR17
16
16
2, 3 PCLKB
2 ICLK
0008 9044h
S12AD
A/D data register 18
ADDR18
16
16
2, 3 PCLKB
2 ICLK
0008 9046h
S12AD
A/D data register 19
ADDR19
16
16
2, 3 PCLKB
2 ICLK
0008 9048h
S12AD
A/D data register 20
ADDR20
16
16
2, 3 PCLKB
2 ICLK
0008 9060h
S12AD
A/D sampling state register01
ADSSTR01
16
16
2, 3 PCLKB
2 ICLK
0008 9070h
S12AD
A/D sampling state register 23
ADSSTR23
16
16
2, 3 PCLKB
2 ICLK
0008 9800h
AD
A/D data register A
ADDRA
16
16
2, 3 PCLKB
2 ICLK
0008 9802h
AD
A/D data register B
ADDRB
16
16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (22/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com