Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NDDDFB Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R5F563NDDDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDFB Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R5F563NDDDFB Datasheet HTML 100Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 101Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 102Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 103Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 104Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 105Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 106Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 107Page - Renesas Technology Corp R5F563NDDDFB Datasheet HTML 108Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 105 of 106
Dec 27, 2011
RX63N Group, RX631 Group
Appendix 1. Package Dimensions
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Figure G 100-pin LQFP (PLQP0100KB-A)
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
x
125
26
50
51
75
76
100
F
*1
*3
ZD
D
HD
bp
Detail F
L1
L
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.08
e
0.5
c
0°
8°
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
15.816.016.2
15.816.016.2
A2
1.4
E
13.914.014.1
D
13.914.014.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.15
0.20
0.25
0.09 0.145 0.20
0.08
1.0
1.0
0.18
0.125
1.0
Previous Code
JEITA Package Code
RENESAS Code
PLQP0100KB-A
100P6Q-A / FP-100U / FP-100UV
MASS[Typ.]
0.6g
P-LQFP100-14x14-0.50
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com