Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3105N8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXGD3105N8
Description  Low standby power with quiescent supply current < 1mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3105N8 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXGD3105N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ZXGD3105N8
Document Number DS35101 Rev. 1 – 2
6 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3105N8
Typical Electrical Characteristics @TA = 25°C unless otherwise specified
-100
-80
-60
-40
-20
0
0
2
4
6
8
10
12
14
-100
-80
-60
-40
-20
0
0
2
4
6
8
10
-50
0
50
100
150
-30
-25
-20
-15
-10
-5
0
-50
-25
0
25
50
75
100
125
150
30
35
130
140
150
160
170
180
190
200
210
220
230
0
2
4
6
8
10 1214 1618 20 22
0
20
40
60
80
100
120
140
160
180
-100
-80
-60
-40
-20
0
0
2
4
6
8
10
12
14
V
CC
= 5V
Capacitive load and
50kΩ pull down
V
CC
= 15V
V
CC
= 12V
V
CC
= 10V
Transfer Characteristic
V
D
Drain Voltage (mV)
T
A
= -40°C
T
A
= 25°C
T
A
= 125°C
Transfer Characteristic
V
D
Drain Voltage (mV)
V
CC
= 10V
R
BIAS
=18kΩ
R
REF
=9.1kΩ
50kΩ pull down
V
CC
= 10V
R
BIAS
=18kΩ
R
REF
=9.1kΩ
V
G
= 1V
50kΩ pull down
Turn-off Threshold Voltage vs Temperature
Temperature (°C)
T
off
= t
d(fall)
+ t
f
T
on
= t
d(rise)
+ t
r
Switching vs Temperature
Temperature (°C)
V
CC
= 10V
R
BIAS
=18kΩ
R
REF
=9.1kΩ
C
L
=10nF
V
CC
= 5V
V
CC
= 10V
V
CC
= 12V
V
CC
= 15V
Supply Current vs Capacitive Load
Capacitance (nF)
R
BIAS
=18kΩ
R
REF
=9.1kΩ
f=500kHz
Capacitive load only
V
CC
= 5V
V
CC
= 15V
V
CC
= 12V
V
CC
= 10V
Transfer Characteristic
V
D
Drain Voltage (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com