Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3105N8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3105N8
Description  Low standby power with quiescent supply current < 1mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3105N8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3105N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ZXGD3105N8
Document Number DS35101 Rev. 1 – 2
1 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3105N8
SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Description
ZXGD3105N8 synchronous controller is designed for driving a
MOSFET as an ideal rectifier. This is to replace a diode for increasing
the power transfer efficiency.
The device is comprised of a differential amplifier detector stage and
high current driver. The detector monitors the reverse voltage of the
MOSFET such that if body diode conduction occurs a positive voltage
is applied to the MOSFET’s Gate pin. Once the positive voltage is
applied to the Gate the MOSFET switches on allowing reverse current
flow. The detectors’ output voltage is then proportional to the
MOSFET Drain-Source voltage and this is applied to the Gate via the
driver. This action provides a rapid MOSFET turn off as Drain current
decays to zero.
Applications
Flyback and Resonant Converters in:
•
Low Voltage AC / DC Adaptors
•
Set Top Box
•
Computing Power Supplies - ATX and Server PSU
•
Low Voltage DC / DC conversion
Features
•
Low standby power with quiescent supply current < 1mA
•
4.5V operation enables low voltage supply
•
Proportional gate drive for fast turn-off
•
Operation up to 500kHz
•
Critical Conduction Mode (CrCM) & Continuous Mode (CCM)
•
Compliant with Eco-design directive
•
“Lead-Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony free. “Green” Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXGD3105N8TC
ZXGD 3105
13
12
2500
Notes:
1. No purposefully added lead
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
ZXGD
= Product Type Marking Code, Line 1
3105
= Product Type Marking Code, Line 2
YY
= Year (ex: 11 = 2011)
WW
= Week (01 - 53)
Top View
Pin-Out
SO-8
ZXGD
3105
YY WW
GATE
GND
Vcc
BIAS
DRAIN
REF
DNC
DNC


Similar Part No. - ZXGD3105N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8_15 Datasheet
413Kb / 14P
SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Rev erse
More results

Similar Description - ZXGD3105N8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
logo
Fuji Electric
FA5592 FUJI-FA5592 Datasheet
227Kb / 2P
PWM Power Supply IC with Low Standby Power
logo
Linear Technology
LTC1321CSW LINER-LTC1321CSW Datasheet
337Kb / 20P
Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
logo
Solid State Optronic
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
logo
IK Semicon Co., Ltd
IL34119 IKSEMICON-IL34119 Datasheet
725Kb / 7P
Low Power Down Quiescent Current
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
Low quiescent current
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com