Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3105N8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3105N8
Description  Low standby power with quiescent supply current < 1mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3105N8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3105N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ZXGD3105N8
Document Number DS35101 Rev. 1 – 2
2 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3105N8
Functional Block Diagram
Pin
#
Pin
Name
Pin Function and Description
1
Vcc
Power supply
This supply pin should be closely decoupled to ground with a ceramic capacitor.
2
DNC
Do not connect
Leave pin floating.
3
BIAS
Bias
Connect this pin to Vcc via RBIAS resistor. Select RBIAS to source 0.54mA into this pin.
Refer to Table 1 and 2, in Application Information section.
4
DRAIN
Drain sense
Connect directly to the synchronous MOSFET drain terminal.
5
REF
Reference
Connect this pin to Vcc via RREF resistor. Select RREF to source 1.02mA into this pin.
Refer to Table 1 and 2, in Application Information section.
6
DNC
Do not connect
Leave pin floating.
7
GND
Ground
Connect this pin to the synchronous MOSFET source terminal and ground reference point.
8
GATE
Gate drive
This pin sinks and sources the ISINK and ISOURCE current to the synchronous MOSFET gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com