Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3105N8 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXGD3105N8
Description  Low standby power with quiescent supply current < 1mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3105N8 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXGD3105N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 11Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 12Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ZXGD3105N8
Document Number DS35101 Rev. 1 – 2
9 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3105N8
Functional descriptions
The operation of the device is described step-by-step with reference to the timing diagram in Figure 2.
1. The detector stage monitors the MOSFET Drain-Source voltage.
2. When, due to transformer action, the MOSFET body diode is forced to conduct there is a negative voltage
on the Drain pin due to the body diode forward voltage.
3. When the negative Drain voltage crosses the turn-off Threshold voltage VT, the detector stage outputs a
positive voltage with respect to ground after the turn-on delay time td(fall). This voltage is then fed to the
MOSFET driver stage and current is sourced out of the GATE pin.
4. The controller goes into proportional gate drive control — the GATE output voltage is proportional to the
MOSFET on-resistance-induced Drain-Source voltage. Proportional gate drive ensures that MOSFET
conducts during majority of the conduction cycle to minimize power loss in the body diode.
5. As the Drain current decays linearly toward zero, proportional gate drive control reduces the Gate voltage
so the MOSFET can be turned off rapidly at zero current crossing. The GATE voltage falls to 1V when the
Drain-Source voltage crosses the detection threshold voltage to minimize reverse current flow.
6. At zero Drain current, the controller GATE output voltage is pulled low to VG(off) to ensure that the MOSFET
is off.
10%
tr
td(rise)
VT
90%
tf
MOSFET
Drain Voltage
0A
90%
VG(off)
Body Diode
Conduction
td(fall)
10%
VD
MOSFET
Gate Voltage
MOSFET
Drain Current
VG
ID
1
2
3
4
5
6
Figure 2 - Timing diagram for a critical conduction mode Flyback converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com