Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9106 Datasheet(PDF) 49 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 49 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 53Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
DM9106
3-port switch with PCI Interface
Preliminary datasheet
49
DM9106-DS-P01
July 9, 2009
7. PCI mode EEPROM Format
The first 48 words of Configuration EEPROM are loaded into the DM9106 after power-on-reset for the settings of the power
management, system ID and Ethernet address. The format of the EEPROM is as followed
name
Word offset
Description
Subsystem Vendor ID
0
The content will be transferred into the PCI configuration space 2CH bit
15~0.
Subsystem ID
1
The content will be transferred into the PCI configuration space 2CH bit
31~16.
RESERVED
2~3
Reserved
Auto_ Load_ Control
4
Bit3~0: “1010” to enable auto-load of PCI Vendor_ ID & Device_ ID.
PCI Vendor ID
5
When Word[4] bit 3~0=”1010”, this word will be loaded to PCI
Configuration space address 0 bit 15~0
PCI Device ID
6
When Word[4] bit 3~0=”1010”, this word will be loaded to PCI
Configuration space address 0 bit 31~16
PMC
7
Bit2~0: Directly mapping to bit[21,26:25] of the PCIPMR
Bit7~3: Directly mapping to bit[31:27] of the PCIPMR.
Bit 15~8: Reserved
RESERVED
8~9
Reserved
Ethernet Address
10~12
Word 10 low byte for address 0
Word 10 high byte for address 1
Word 11 low byte for address 2
Word 11 high byte for address 3
Word 12 low byte for address 4
Word 12 high byte for address 5
RESERVED
13~15
Reserved
Control
16
Bit 1:0=01: Accept setting of WORD 17,18
Bit 3:2=01: Accept setting of WORD 19~26
Bit 5:4=01: Accept setting of WORD 27~30
Bit 7:6=01: Accept setting of WORD 31
Bit 9:8=01: Accept setting of WORD 32~39
Bit 11:10=01: Accept setting of WORD 40~47
Bit 13:12 =01: Accept setting of WORD 49~52
Bit 15:14 Reserved
Switch Control 1
17
When word 16 bit 1:0 is “01”, after power on reset:
This word will be loaded to CR16 bit 15~0
Switch Control 2
18
When word 16 bit 1:0 is “01”, after power on reset:
This word will be loaded to CR16 bit 31~16
Port 0 Control 1
19
When word 16 bit 3:2 is “01”, after power on reset:
This word will be loaded to port 0 CR18 bit 15~0
Port 0 Control 2
20
When word 16 bit 3:2 is “01”, after power on reset:
This word will be loaded to port 0 CR18 bit 31~16
Port 1 Control 1
21
When word 16 bit 3:2 is “01”, after power on reset:
This word will be loaded to port 1 CR18 bit 15~0
Port 1 Control 2
22
When word 16 bit 3:2 is “01”, after power on reset:
This word will be loaded to port 1 CR18 bit 31~16
Port 2 Control 1
23
When word 16 bit 3:2 is “01”, after power on reset:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com