Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9302 Datasheet(PDF) 34 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 34 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 38Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
34
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
7. EEPROM FORMAT
name
Word
Description
MAC address
0~2
6 byte Ethernet Address
Auto Load Control
3
Bit 1:0=01: Update vendor ID and product ID
Bit 3:2=01: Accept setting of WORD6 [4:0]
Bit 5:4= reserved
Bit 7:6= reserved, set to 00 in application
Bit 9:8=Reserved
Bit 11:10= Reserved, set to 00 in application
Bit 13:12= Reserved
Bit 15:14=01: Accept setting of WORD7 [15:12]
Vendor ID
4
2-byte vendor ID (Default: 0A46H)
pin control
6
When word 3 bit [3:2] =01, these bits can control the CS#, IOR#, IOW#
and IRQ pins polarity.
Bit0: CS# pin is active high when set (default active low)
Bit1: IOR# pin is active high when set (default: active low)
Bit2: IOW# pin is active high when set (default: active low)
Bit3: IRQ pin is active low when set (default: active high)
Bit4: IRQ pin is open-collected (default: force output)
Bit 15:5: Reserved
PHY control
7
Bit11:0: reserved
Bit 13:12 reserved, set 00 in application
Bit14: Port 1 AUTO-MDIX control 1: ON, 0: OFF(default ON)
Bit15: Port 0 AUTO-MDIX control 1: ON, 0: OFF(default ON)
RESERVED
8~15
Reserved
Control
16
Bit 1:0=01: Accept setting of WORD 17,18
Bit 3:2=01: Accept setting of WORD 19~26
Bit 5:4=01: Accept setting of WORD 27~30
Bit 7:6=01: Accept setting of WORD 31
Bit 9:8=01: Accept setting of WORD 32~39
Bit 11:10=01: Accept setting of WORD 40~47
Bit 15:12 = Reserved, set 0000 in application
Switch Control 1
17
When word 16 bit 1:0 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. 52H bit 7~0
This word bit 15~8 will be loaded to Reg. 53H bit 7~0
Switch Control 2
18
When word 16 bit 1:0 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. 58H bit 7~0
This word bit 15~8 will be loaded to Reg. 59H bit 7~0
Port 0 Control 1
19
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 66H bit 7~0
Port 0 Control 2
20
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 6DH bit 7~0
Port 1 Control 1
21
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 66H bit 7~0
Port 1 Control 2
22
When word 16 bit 3:2 is “01”, after power on reset:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com