Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9302 Datasheet(PDF) 15 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 15 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 19Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
15
DM9302-15-DS-P01
July 30, 2009
6. CONTROL AND STATUS REGISTER SET
The DM9302 implements several control and status
registers (CSR), which can be accessed by the host.
All CSR are set to their default values by power on or
software reset unless specified.
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H
FCR
Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
00H
EPDRH
EEPROM & PHY High Byte Data Register
0EH
00H
LCCR
Link Change Control Register (0FH)
0FH
00H
PAR
Processor Port Physical Address Registers
10H-15H
by EEPROM
MAR
Processor Port Multicast Address Registers
16H-1DH
XXH
RXPLLR
RX Packet Length Low Register
20H
00H
RXPLHR
RX Packet Length High Register
21H
00H
RASR
RX Additional Status Register
26H
00H
RACR
RX Additional Control Register
27H
00H
VID
Vendor ID Registers
28H-29H
0A46H
CHIPR
CHIP Revision Registers
2CH
01H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
DRIVER
uP Data Bus driving capability Register
38H
00H
IRQCR
IRQ Pin Control Register
39H
00H
SWITCHCR
Switch Control Register
52H
00H
VLANCR
VLAN Control Register
53H
00H
DSP1,2
DSP Control Register I,II
58H~59H
0000H
P_INDEX
Per Port Control/Status Index Register
60H
00H
P_CTRL
Per Port Control Data Register
61H
00H
P_STUS
Per Port Status Data Register
62H
00H
P_RATE
Per Port Ingress and Egress Rate Control Register
66H
00H
P_BW
Per Port Bandwidth Control Setting Register
67H
00H
P_UNICAST
Per Port Block Unicast Ports Control Register
68H
00H
P_MULTI
Per Port Block Multicast Ports Control Register
69H
00H
P_BCAST
Per Port Block Broadcast Ports Control Register
6AH
00H
P_UNKNWN
Per Port Block Unknown Ports Control Register
6BH
00H
P_PRI
Per Port Priority Queue Control Register
6DH
00H
VLAN_TAGL
Per Port VLAN Tag Low Byte Register
6EH
01H
VLAN_TAGH
Per Port VLAN Tag High Byte Register
6FH
00H
P_MIB_IDX
Per Port MIB counter Index Register
80H
00H
MIB_DAT
MIB counter Data Register bit 0~7
81H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com