Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9302 Datasheet(PDF) 37 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 37 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 41Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
37
DM9302-15-DS-P01
July 30, 2009
8. PHY REGISTERS
MII Register Description
AD
D
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
Loop
back
Speed
select
Auto-N
Enable
Power
Down
Isolate Restart
Auto-N
Full
Duplex
Coll.
Test
Reserved
00H CONTR
OL
0
0
1
1
0
0
0
1
0
000_0000
T4
Cap.
TX FDX
Cap.
TX HDX
Cap.
10 FDX
Cap.
10
HDX
Cap.
Reserved
Pream.
Supr.
Auto-N
Compl.
Remote
Fault
Auto-N
Cap.
Link
Status
Jabber
Detect
Extd
Cap.
01H STATU
S
0
1
1
1
1
0000
1
0
0
1
0
0
1
02H PHYID1
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
OUI_LSB
VNDR_MDL
MDL_REV
03H PHYID2
101110
001011
0000
04H Auto-Ne
g.
Advertis
e
Next
Page
FLP Rcv
Ack
Remote
Fault
Reserved
FC
Adv
T4
Adv
TX
FDX
Adv
TX
HDX
Adv
10 FDX
Adv
10 HDX
Adv
Advertised Protocol Selector Field
05H
Link
Part.
Ability
LP
Next
Page
LP
Ack
LP
RF
Reserved
LP
FC
LP
T4
LP
TX
FDX
LP
TX
HDX
LP
10 FDX
LP
10 HDX
Link Partner Protocol Selector Field
06H Auto-Ne
g.
Expansi
on
Reserved
Pardet
Fault
LP Next
Pg Able
Next Pg
Able
New Pg
Rcv
LP
AutoN
Cap.
10H Specifi
ed
Config.
BP
4B5B
BP
SCR
BP
ALIGN
BP_AD
POK
Reserv
edr
TX
Reserv
ed
RMII
mode
Force
100LNK
Rsvd.
COL
LED
RPDCT
R-EN
Reset
St. Mch
Pream.
Supr.
Sleep
mode
Remote
LoopOut
11H Specifi
ed
Conf/Sta
t
100
FDX
100
HDX
10
FDX
10 HDX Reserv
ed
Revers
ed
Revers
ed
PHY ADDR [4:0]
Auto-N. Monitor Bit [3:0]
12H
10T
Conf/Sta
t
Rsvd
LP
Enable
HBE
Enable
SQUE
Enable
JAB
Enable
Serial
Reserved
Polarity
Reverse
13H PWDO
R
Reserved
PD10D
RV
PD100l PDchip PDcrm PDaeq PDdrv PDecli PDeclo PD10
14H Specifie
d config
TSTSE
1
TSTSE
2
FORCE
_TXSD
FORCE
_FEF
PREA
MBLEX
TX10M
_PWR
NWAY
_PWR
Reserv
ed
MDIX_
CNTL
AutoNe
g_dlpbk
Mdix_fix
Value
Mdix_d
own
MonSel
1
MonSel
0
Reserv
ed
PD_val
ue
16H RCVER
Receiver Error Counter
17H DIS_con
nect
Reversed
Disconnect_counter
1DH PSCR
Reversed
PREA
MBLE
X
AMPLIT
UDE
TX_P
WR
Reversed
Key to Default
In the register description that follows, the default
column takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
<Access Type>:
RO = Read only,
RW = Read/Write
<Attribute (s)>:
SC = Self clearing, P = Value permanently set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com