Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9302 Datasheet(PDF) 25 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 25 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 29Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
25
DM9302-15-DS-P01
July 30, 2009
6.32 Per Port Ingress and Egress Control Register (66H)
Bit
Name
Default
Description
7:4
INGRESS
PE0,RW
Ingress Rate Control
These bits define the bandwidth threshold that received packets over the threshold
are discarded.
Ingress Rate table below
0000: none
0001: 64Kbps
0010: 128Kbps
0011: 256Kbps
0100: 512Kbps
0101: 1Mbps
0110: 2Mbps
0111: 4Mbps
1000: 8Mbps
1001: 16Mbps
1010: 32Mbps
1011: 48Mbps
1100: 64Mbps
1101: 72Mbps
1110: 80Mbps
1111: 88Mbps
3:0
EGRESS
PE0,RW
Egress Rate Control
These bits define the bandwidth threshold that transmitted packets over the
threshold are discarded.
Egress Rate table below
0000: none
0001: 64Kbps
0010: 128Kbps
0011: 256Kbps
0100: 512Kbps
0101: 1Mbps
0110: 2Mbps
0111: 4Mbps
1000: 8Mbps
1001: 16Mbps
1010: 32Mbps
1011: 48Mbps
1100: 64Mbps
1101: 72Mbps
1110: 80Mbps
1111: 88Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com