Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MB Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 36MB
Description  Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

36MB Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  36MB Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
N
High Power Products
ell
Case Temperature (
)
Ambient Temperature °
(
)
C
Fig
Maximum Output Rectified Current
.1
Fig
MaximumOutputRectifiedCurrent
.2
Number of Cycles at 60 Hz
Average Output Current (A)
Fig
Maximum Power Dissipation
.3
Fig. Maximum Non-Repetitive Peak Forward
4
Page3of4
0
10
20
30
40
0
10
20
30
40
50
60
70
80
Capacitive Load
TJ = TJ max.
Resistive or
Inductive Load
Surge Current Per Diode
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
Bridges Mounted on
9.5
3.5
4.6"
x
x
(22.9
8.9
11.7
)
x
x
cm
AL Finned Plate
.
60 HZ Resistive or
Inductive Load
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
60 HZ Resistive or
Inductive Load
RthS A
CW
- = 0.5 °
/
1000
100
10
1
10
100
1.0 Cycle
TJ = TJ max.
0.5
-
Single Sine Wave
36MB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com