Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MB Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 36MB
Description  Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

36MB Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  36MB Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page4of4
SEMICONDUCTOR
RoHS
RoHS
N
High Power Products
ell
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
100
TJ = 25
Pulse Width = 300
1% Duty Cycle
°C
µs
Fig
Typical Instantaneous Forward
.5
Characteristics Per Leg
Instantaneous Forward Voltage (V)
Fig
Typical Reveres Leakage
.6
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
0.01
0.1
1
10
100
TJ = 125 ° C
TJ = 25 ° C
Fig
Typical Junction Capacitance
.7
Per Leg
Fig
Typical Transient Thermal lmpedance
.8
Per Leg
Reverse Voltage (V)
t Heating
,
Time (sec.)
0.01
0.1
1
10
100
1
10
100
1,000
TJ = 25
f
MH
= 1.0
Z
Vsig
MVp p
= 50
-
10
100
1,000
1
10
100
f
MH
= 1.0
Vsig
MVp p
= 50
-
° C
TJ = 25 ° C
TJ = 25 ° C
36MB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com