Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MB Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 36MB
Description  Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

36MB Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  36MB Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
UL recognition file number E320098
Universal 3-way terminals: snap-on, wire
Typical IR less than 1.0 µA
TYPICALAPPLICATIONS
General purpose use in AC/DC bridge full wave
Case: GBPC
Epoxy meets UL 94 V-O flammability rating
Nickel plated on faston lugs
Terminals:
, solderable
perJ-STD-002and JESD22-B102.
Polarity: Asmarked
Weight:18g(0.63ozs)
SEMICONDUCTOR
RoHS
RoHS
Page1of4
Glass Passivated Single-Phase Bridge Rectifier, 35A
N
High Power Products
ell
Compliant to RoHS
wrap-around, or PCB mounting
High surge current capability
Low thermal resistance
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICALDATA
MountingTorque: 20inches-lbs.max.(M5screw)
36MB
36MB08 Thru 36MB16
Glass passivated chips
~
~
28.5+0.5
-
5
22.2+0.3
-
0.8
6.3
Φ5
+0.3
0
-
+
~
-
~
+
Alldimensionsinmillimeters
PRIMARY CHARACTERRISTICS
IF(AV)
35A
VRRM
800Vto1600V
1.1V
5 A
µ
150ºC
IFSM
IR
VF
TJmax.
400A


Similar Part No. - 36MB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MB IRF-36MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
36MB-A IRF-36MB-A Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
logo
Vishay Siliconix
36MB..A VISHAY-36MB..A Datasheet
148Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 AS
15-Jan-2019
36MB..A VISHAY-36MB..A Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
36MB..A VISHAY-36MB..A Datasheet
143Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results

Similar Description - 36MB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35 WTE-GBPC35 Datasheet
60Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
GBJ35H NELLSEMI-GBJ35H Datasheet
244Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com