Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MB Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 36MB
Description  Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

36MB Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  36MB Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 36MB Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page2of4
N
High Power Products
ell
MAXIMUM RATINGS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
36MB
UNIT
900
10
1100
1300
1700
800
1000
1200
1600
08
16
12
800
1000
1200
1600
V
Maximumrepetitivepeakreversevoltage
MaximumRSMvoltage(non-repetitvepeakreversevoltage)
MaximumDCblockingvoltage
Maximumaverageforwardrectifiedoutputcurrent(Fig.1)
Peakforwardsurgecurrentsinglesine-wavesuperimposedon
ratedload
Rating(non-repetitive,fortgreaterthan1msandlessthan8.3ms)
forfusing
RMSisolationvoltagefromcasetoleads
Operatingjunctionstoragetemperaturerange
VRRM
VRMS
IFSM
VDC
IF(AV)
VISO
I t
2
T ,T
J
STG
2500
660
35
-55 to150
400
A s
2
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
36MB
UNIT
10
08
16
12
Maximuminstantaneousforwarddropperdiode
MaximumreverseDCcurrentatratedDCblocking
Typicaljunctioncapacitanceperdiode
VF
IR
CJ
300
500
1.1
5
pF
voltageperdiode
TEST
CONDITIONS
IF =17.5A
TA =25 C
°
4V,1MHz
TA =150 C
°
THERMAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
36MB
UNIT
10
08
16
12
Typicalthermalresistance
(1)Withheatsink
RθJC
(1)
(2)Boltdownonheatsinkwithsiliconethermalcompoundbetweenbridgeandmountingsurfaceformaximumheattransferwith
Notes
#10screw
1.4
36MB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com