Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0037/2 Datasheet(PDF) 7 Page - Elektron Components Ltd.

Part # MP0037/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0037/2 Datasheet(HTML) 7 Page - Elektron Components Ltd.

Back Button MP0037/2 Datasheet HTML 3Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 4Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 5Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 6Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 7Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 8Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 9Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 10Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 11Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.elektron-bulgin.com
179
SWITCHES
Stainless Steel Illuminated Vandal Resistant
MPI001- front panel seal to IP66
Specification
MPI001/Termination/Colour/Voltage
Illumination style:
Dot
Terminations:
/28 (2.8mm tabs),
/TERM or /TE (screw terminals)
Switching:
Single pole, push to make, tactile (momentary action)
Max. Switch Rating:
50mA, 24Vdc
LEDs (ratings @ 20mA)
Part No.
/RD
/GN
/AM
/BL
/WH
/D1
/D4
/D5
Colours
Red
Green
Amber
Blue
White
Red/Green
Red/Blue
Green/Blue
Luminous Intensity
900mcd
2500mcd 900mcd
1500mcd
900mcd
2500mcd/5000mcd
2000mcd/850mcd
4000mcd/2000mcd
Forward Voltage
1.85V
3.5V
2.3V
3.5V
3.6V
2.05V/3.6V
2.0V/3.6V
3.6V/3.6V
Forward Current
20mA
20mA
20mA
20mA
20mA
20mA
20mA
20mA
Moulding Colour
Red
Green
Amber
Blue
White
Black
Black
Black
Illumination Voltage:
/no suffix
No resistor fitted. An appropriate resistor must be series connected by the user. Voltages as above.
/6
6Vdc
/12
12Vdc
/24
24Vdc
Contact Resistance:
<100m
Ω
Insulation Resistance:
>103 M
Ω
Dielectric Strength:
Contact to Panel >2.0kV
Contact to Contact 1500V
Operating Temp. Range:
–30˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP66 EN60529 1992
Operations
Mechanical:
750,000 (min)
Electrical:
35,000 (min)
Operating Pressure:
12N
Rear Nut Fixing Torque:
0.57Nm
Materials
Switch assembly:
UL94V-0 rated Polyamide (Nylon)
Tags:
Copper Alloy
Terminals:
Copper Alloy
Switch Body & Button:
Stainless Steel
Lens and Lens Body:
Polycarbonate
O ring:
Nitrile
Internal seal:
Silicone
Contact Plate:
Gold Plated
Thread size:
18.97mm x 26TPI
ESD Handling precautions must be taken
Compliant
Dot illumination
22mm diameter
Single pole push to make
50mA, 24Vdc contact rating
Red, Green, Amber, Blue, White or
dual colour illumination
Bright daylight LEDs
Independent LED terminals
Front panel seal to IP66
Integral supply resistors
TVS protection
FRONT PANEL MOUNTING
LED terminals marked + and –
Switch terminals unmarked
+
–
Dual Colour LED Configuration
/D1
/D4
/D5
Red
Green
+
–
Red
Blue
+
–
Blue
Green
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com