Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0037/2 Datasheet(PDF) 10 Page - Elektron Components Ltd.

Part # MP0037/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0037/2 Datasheet(HTML) 10 Page - Elektron Components Ltd.

Back Button MP0037/2 Datasheet HTML 6Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 7Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 8Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 9Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 10Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 11Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 12Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 13Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 14Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.elektron-bulgin.com
182
SWITCHES
MPB037
Sealed to IP68
Front Panel Sealed to IP68
21.5mm diameter
S.P. Push to Make
1A, 50Vac/dc
FRONT PANEL MOUNTING
MPB038
Sealed to IP66
MPB031
Sealed to IP66
Specification
MPB038
MPB031
MPB037
Terminations:
Solder Tags
Solder Tags
Screw Terminals
Switching:
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
S.P. Push to make
(Microswitch)
(Microswitch)
Momentary action
Max. Rating:
5A, 250Vac.
5A, 250Vac
1A, 50Vac/dc
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω.
>103 M
Ω
>105 M
Ω
Dielectric Strength:
>2.0kVac
>2.0kVac
>1.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP66 EN60529
Protection Classification: IP66 EN60529 Protection Classification: IP68 EN60529
1992 (Micro switch not sealed)
1992 (Micro switch not sealed)
1992 (Terminals not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
1,000,000 (min)
Electrical:
35,000 (min)
35,000 (min)
30,000 (min)
Operating Pressure:
12.5N (typ)
4.7N (typ)
7.5N (typ)
Rear Nut Fixing Torque:
1.13Nm
0.57Nm
0.57Nm
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Brass, Silver Plated
Switch Body & Button:
Brass, Chrome Plated
Brass, Chrome Plated
Brass, Chrome Plated
Contacts:
Fine Silver
Fine Silver
Brass, Silver Plated, Silver
Thread size:
1.0" x 26TPI
0.747" x 26TPI
0.747" x 26TPI
Compliant
Compliant
Compliant
Front Panel Sealed to IP66
28mm diameter
S.P.C.O. Microswitch
5A, 250Vac
Front Panel Sealed to IP66
21mm diameter
S.P.C.O. Microswitch
5A, 250Vac
Low Profile Brass Chrome Plated Vandal Resistant
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com