Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0037/2 Datasheet(PDF) 16 Page - Elektron Components Ltd.

Part # MP0037/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0037/2 Datasheet(HTML) 16 Page - Elektron Components Ltd.

Back Button MP0037/2 Datasheet HTML 12Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 13Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 14Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 15Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 16Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 17Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 18Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 19Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 20Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.elektron-bulgin.com
188
SWITCHES
MP0013
MP0033
Specification
MP0013, MP0033
MP0013/2, MP0033/2
Terminations:
Screw Terminals
Screw Terminals
Switching:
S.P. Push to make
S.P. Push to make
Slow momentary action
Slow momentary action
Max. Rating:
1A, 50Vac
1A, 50Vac
Contact Resistance:
<15m
Ω
<15m
Ω
Insulation Resistance:
>104 M
Ω
>104 M
Ω
Dielectric Strength:
>2.5kVac
>2.5kVac
Operating Temp. Range:
–20˚C to +85˚C
–20˚C to +85˚C
Sealing (Front of panel only): MP0033 only - internally sealed
MP0033/2 only - internally sealed
against ingress of water and dust
against ingress of water and dust
Materials:
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Silver Plated
Brass, Silver Plated
Switch Body & Button:
Body: Brass, Chrome Plated
Body: Brass, Chrome Plated
Button: Stainless Steel
Button: Stainless Steel
Contacts:
Copper, Silver Plated
Copper, Silver Plated
Compliant
Compliant
Proud Fitting
22mm diameter
S.P. Push to Make
1A, 50V
Brass, Chrome Plated Body,
Stainless Steel Button
MP0033 Internally Sealed
Push Button
MP0013/2
MP0033/2
Prominent Button
22mm diameter
S.P. Push to Make
1A, 50V
Brass, Chrome Plated Body,
Stainless Steel Button
MP0033/2 Internally Sealed
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com