Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0037/2 Datasheet(PDF) 12 Page - Elektron Components Ltd.

Part # MP0037/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0037/2 Datasheet(HTML) 12 Page - Elektron Components Ltd.

Back Button MP0037/2 Datasheet HTML 8Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 9Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 10Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 11Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 12Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 13Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 14Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 15Page - Elektron Components Ltd. MP0037/2 Datasheet HTML 16Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.elektron-bulgin.com
184
SWITCHES
MP0027/3
MP0038/3
Sealed to IP66
MP0025/3
Specification
MP0027/3
MP0038/3
MP0025/3
Terminations:
Solder Tags
Solder Tags
Solder Tags
Switching:
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
(Microswitch)
(Microswitch)
(Microswitch)
Max. Rating:
5A, 250Vac
5A, 250Vac
5A, 250Vac
2A, 28Vdc
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω.
>103 M
Ω
Dielectric Strength:
>2.0kVac
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): -
Protection Classification: IP66 EN60529 -
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
1,000,000 (min)
Electrical:
35,000 (min)
35,000 (min)
35,000 (min)
Operating Pressure:
7.5N (typ)
12.5N (typ)
6.1N (typ)
Rear Nut Fixing Torque:
2.5Nm
1.13Nm
-
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Stainless Steel
Contacts:
Fine Silver
Fine Silver
Fine Silver
Thread size:
1.0” x 26TPI
1.0" x 26TPI
-
Compliant
Compliant
Compliant
28mm diameter
Domed Profile
S.P.C.O. Microswitch
5A, 250Vac
Front Panel Sealed to IP66
28mm diameter
Domed Profile
S.P.C.O. Microswitch
5A, 250Vac
22mm diameter
Domed Profile
S.P.C.O. Microswitch
5A, 250Vac
Stainless Steel Domed Vandal Resistant
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
REAR PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com