Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2995 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2995 Datasheet HTML 4Page - Linear Technology LTC2995 Datasheet HTML 5Page - Linear Technology LTC2995 Datasheet HTML 6Page - Linear Technology LTC2995 Datasheet HTML 7Page - Linear Technology LTC2995 Datasheet HTML 8Page - Linear Technology LTC2995 Datasheet HTML 9Page - Linear Technology LTC2995 Datasheet HTML 10Page - Linear Technology LTC2995 Datasheet HTML 11Page - Linear Technology LTC2995 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2995
8
2995f
resistor between VPTAT and the load to ensure stability.
VPTAT is pulled low when the supply voltage goes below
the under voltage lockout threshold.
VREF: Voltage Reference Output. VREF provides a 1.8V
reference voltage. VREF can drive up to ±200μA of load
current and up to 1000pF of capacitive load. For larger
load capacitances insert 1kΩ between VREF and the load
to ensure stability. Leave VREF open if unused.
VT1: Temperature Threshold 1. When VPTAT crosses the
voltage on VT1 with a polarity set by the PS pin, TO1 is
pulled low. Tie VT1 to GND if unused.
VT2: Temperature Threshold 2. When VPTAT crosses the
voltage on VT2 with a polarity set by the PS pin, TO2 is
pulled low. Tie VT2 to VCC if unused.
PIN FUNCTIONS
BLOCK DIAGRAM
2995 BD
VH1
CH1
CH2
CL2
CT2
CT1
CL1
UVLO
2V
VCC
VL1
VH2
VL2
VT2
VREF
VT1
VPTAT
20
1
2
3
–
+
–
+
1.3MΩ
500k
0.5V
200k
200kΩ
1.2V
1.8V
400k
UVLO
11
4
5
8
18
7
D–
D+
DS
PS
GND
6
19
T TO V
CONVERTER
TO1/TO2
PULSE
GENERATOR
UV PULSE
GENERATOR
OSCILLATOR
UV
VCC
400k
TMR
OV
VCC
400k
TO2
VCC
400k
TO1
VCC
400k
OV PULSE
GENERATOR
3 STATE
DECODE
17
3 STATE
DECODE
12
13
14
15
16
VCC
9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com