Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2995 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2995 Datasheet HTML 12Page - Linear Technology LTC2995 Datasheet HTML 13Page - Linear Technology LTC2995 Datasheet HTML 14Page - Linear Technology LTC2995 Datasheet HTML 15Page - Linear Technology LTC2995 Datasheet HTML 16Page - Linear Technology LTC2995 Datasheet HTML 17Page - Linear Technology LTC2995 Datasheet HTML 18Page - Linear Technology LTC2995 Datasheet HTML 19Page - Linear Technology LTC2995 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2995
17
2995f
±10% Voltage Monitor (1.8V and 2.5V) and Internal/Remote Overtemperature Monitor
TYPICAL APPLICATIONS
±20% Voltage Monitor (12V and 5V) and 0°C to 70°C Internal UT/OT Monitoring with Common
Temperature and Powergood LED
POWER
SUPPLIES
TEMPERATURE AND
POWER GOOD LED
VH1
VL1
VH2
VL2
D+
D–
LTC2995
442k
113k
12V
5V
41.2k
2995 TA03
VT1
VT2
43k
28k
110k
OT T > 70°C
UT T < 0°C
+20%
–20%
GND
TMR
VREF
4.12k
2.15k
21.5k
VPTAT
TO2
TO1
OV
UV
VCC
PS
DS
0.1μF
2.15k
VH1
VL1
VH2
VL2
D+
D–
LTC2995
194k
124k
2.5V
1.8V
45.3k
2995 TA02
VT1
VT2
20k
20k
140k
OT T > 125°C FOR EXTERNAL SENSOR
MMBT390
OT T > 75°C FOR INTERNAL SENSOR
+10%
–10%
GND
TMR
VREF
45.3k
10.2k
10.2k
VPTAT
TO2
TO1
OV
UV
VCC
PS
DS
5nF
470pF
0.1μF
POWER
SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com