Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2995 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 3 Page - Linear Technology

  LTC2995 Datasheet HTML 1Page - Linear Technology LTC2995 Datasheet HTML 2Page - Linear Technology LTC2995 Datasheet HTML 3Page - Linear Technology LTC2995 Datasheet HTML 4Page - Linear Technology LTC2995 Datasheet HTML 5Page - Linear Technology LTC2995 Datasheet HTML 6Page - Linear Technology LTC2995 Datasheet HTML 7Page - Linear Technology LTC2995 Datasheet HTML 8Page - Linear Technology LTC2995 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2995
3
2995f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: Remote diode temperature, not LTC2995 temperature.
Note 4: Guaranteed by design and test correlation.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Tconv
Temperature Update Interval
l
3.5
5
ms
KT
VPTAT Slope
Ideality Factor
η = 1.004
4mV/K
VPTAT Load Regulation
ILOAD = ±200μA
±1.5
mV
Tint
Internal Temperature Accuracy
TAMB = –40°C to 125°C
±0.5
±2
±1
°C
°C
TRMT
Remote Temperature Error,
η = 1.004
0°C to 85°C (Notes 3, 4)
–40°C to 0°C (Notes 3, 4)
85°C to 125°C (Notes 3, 4)
±0.25
±0.25
±0.25
±1
±1.5
±1.5
°C
°C
°C
Temperature Noise
0.15
0.01
°CRMS
°CRMS/√Hz
TVCC
Temperature Error vs Supply
l
±0.5
°C/V
TRS
Series Resistance Cancellation Error
RSERIES = 100Ω
l
±0.25
±1
°C
Temperature and Voltage Monitoring
VUOT
Undervoltage/Overvoltage Threshold
l
492
500
508
mV
TOFF
VT1, VT2 Offset
l
–3
–1
1
°C
ΔTHYST
VT1, VT2 Temperature Hysteresis
l
2
5
10
°C
tUOD
UV, OV
Input 5mV Above/Below Threshold
l
0.5
2
ms
IIN
VH1, VL1, VH2, VL2, VT1, VT2, Input Current
l
±20
nA
tUOTO
UV/OV Time-Out-Period
CTMR = TMR Open
CTMR = 1nF
l
5
0.5
10
20
ms
ms
ITMR
TMR Current
l
±2.5
μA
Three State Pins DS, PS
VDS,PS(H,TH) PS, DS Input High Threshold
l VCC – 0.4
VCC – 0.1
V
VDS,PS(H,TL) PS, DS Input Low Threshold
l
0.1
0.4
V
IDS,PS(IN,HL) PS, DS High, Low Input Current
DS, PS at 0V or VCC
l
±4
μA
IDS,PS(IN,Z)
Allowable Leakage Current
l
±1
μA
Digital Outputs
VOH
High Level Output Voltage,
TO1, TO2, UV, OV
I = –0.5μA
l VCC – 1.2
V
VOL
Low Level Output Voltage,
TO1, TO2, UV, OV
I = 3mA
l
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com