Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2995 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2995 Datasheet HTML 8Page - Linear Technology LTC2995 Datasheet HTML 9Page - Linear Technology LTC2995 Datasheet HTML 10Page - Linear Technology LTC2995 Datasheet HTML 11Page - Linear Technology LTC2995 Datasheet HTML 12Page - Linear Technology LTC2995 Datasheet HTML 13Page - Linear Technology LTC2995 Datasheet HTML 14Page - Linear Technology LTC2995 Datasheet HTML 15Page - Linear Technology LTC2995 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2995
12
2995f
APPLICATIONS INFORMATION
Output Noise Filtering
The VPTAT output typically exhibits 0.6mV RMS (0.25°C
RMS) noise. For applications which require lower noise
digital or analog averaging can be applied to the output.
Choose the averaging time according to:
2
⎛
⎝
⎜
⎞
⎠
⎟
t AVG =
0.01[]
°CHz
TNOISE
where tAVG is the averaging time and TNOISE the desired
temperature noise in °C RMS. For example, if the desired
noise performance is 0.015°C RMS, set the averaging time
to one second. See Typical Performance Characteristics.
Temperature Monitoring
The LTC2995 continuously compares the voltage at VPTAT
to the voltages at the pins VT1 and VT2 to detect either an
overtemperature (OT) or undertemperature (UT) condition.
The VT1 comparator output drives the open-drain logic
output pin TO1 and the VT2 comparator output drives the
open-drain logic output pin TO2. The polarity of these
comparisons is configured via the three-state polarity
select pin (PS) (Table 3).
Table 3. Temperature Polarity Selection
PS PIN
FUNCTION
CONDITION
OUTPUT
VCC
VT1 Undertemperature
Threshold
VPTAT < VT1
TO1 Pulled Low
VT2 Overtemperature
Threshold
VPTAT > VT2
TO2 Pulled Low
Open
VT1 Overtemperature
Threshold
VPTAT > VT1
TO1 Pulled Low
VT2 Overtemperature
Threshold
VPTAT > VT2
TO2 Pulled Low
GND
VT1 Undertemperature
Threshold
VPTAT < VT1
TO1 Pulled Low
VT2 Undertemperature
Threshold
VPTAT < VT2
TO2 Pulled Low
If pin PS is connected to VCC, the voltage on VT1 becomes
an undertemperature threshold and the voltage on VT2
an overtemperature threshold. In this configuration TO1 is
pulled low if the voltage VPTAT falls during five consecutive
conversions below the undertemperature threshold VT1.
Once pulled low, TO1 is released high again if VPTAT rises
above VT1 plus an additional hysteresis of about 20mV.
Accordingly, T02 is pulled low if the voltage VPTAT rises
above the overtemperature threshold VT2 and –once pulled
low– TO2 is released high if VPTAT falls below VT2 minus
an additional hysteresis of about 20mV. Leaving PS uncon-
nected configures both VT1 and VT2 as overtemperature
thresholds and connecting PS to GND configures them
both as undertemperature thresholds. If the internal and
external sensors are monitored alternately by leaving DS
unconnected, VT1 becomes a dedicated threshold for the
internal sensor and VT2 becomes a dedicated threshold
for the external sensor.
Temperature Monitor Design Example
The LTC2995 can be configured to give an early warning
if the temperature of the internal sensor rises above 60°C
and an alarm if the temperature passes 90°C. Tie the DS
pin to VCC to select the internal sensor and leave the pin
PS unconnected to configure both input voltages VT1 and
VT2 as overtemperature thresholds. The voltages at VT1
and VT2 are set to:
VT1
=(60K + 273.15K) • 4
mV
K
= 1.332V
VT2
=(90K + 273.15K) • 4
mV
K
= 1.452V
When VPTAT reaches the threshold voltage on pin VT1, TO1
is pulled low indicating an overtemperature early warning.
If the temperature reaches 90°C TO2 is also pulled low,
indicating an overtemperature alarm.
Once the temperature drops below each threshold, the
corresponding TO pins will return high after a time-out-
period (tUOTO) set by the capacitor connected to TMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com