Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK30DX64VMB7 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MK30DX64VMB7
Description  K30 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30DX64VMB7 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MK30DX64VMB7 Datasheet HTML 27Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 28Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 29Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 30Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 31Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 32Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 33Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 34Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
6.3.3.2 32kHz oscillator frequency specifications
Table 17. 32kHz oscillator frequency specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fosc_lo
Oscillator crystal
—
32.768
—
kHz
tstart
Crystal start-up time
—
1000
—
ms
1
1. Proper PC board layout procedures must be followed to achieve specifications.
6.4 Memories and memory interfaces
6.4.1 Flash electrical specifications
This section describes the electrical characteristics of the flash memory module.
6.4.1.1 Flash timing specifications — program and erase
The following specifications represent the amount of time the internal charge pumps are
active and do not include command overhead.
Table 18. NVM program/erase timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
thvpgm4
Longword Program high-voltage time
—
7.5
18
μs
thversscr
Sector Erase high-voltage time
—
13
113
ms
1
thversblk32k Erase Block high-voltage time for 32 KB
—
52
452
ms
1
thversblk256k Erase Block high-voltage time for 256 KB
—
104
904
ms
1
1. Maximum time based on expectations at cycling end-of-life.
6.4.1.2 Flash timing specifications — commands
Table 19. Flash command timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
trd1blk32k
trd1blk256k
Read 1s Block execution time
• 32 KB data flash
• 256 KB program flash
—
—
—
—
0.5
1.7
ms
ms
trd1sec1k
Read 1s Section execution time (data flash
sector)
—
—
60
μs
1
trd1sec2k
Read 1s Section execution time (program flash
sector)
—
—
60
μs
1
Table continues on the next page...
Peripheral operating requirements and behaviors
K30 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com