Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK30DX64VMB7 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MK30DX64VMB7
Description  K30 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30DX64VMB7 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MK30DX64VMB7 Datasheet HTML 28Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 29Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 30Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 31Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 32Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 33Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 34Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 35Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Table 19. Flash command timing specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
tpgmchk
Program Check execution time
—
—
45
μs
1
trdrsrc
Read Resource execution time
—
—
30
μs
1
tpgm4
Program Longword execution time
—
65
145
μs
tersblk32k
tersblk256k
Erase Flash Block execution time
• 32 KB data flash
• 256 KB program flash
—
—
55
122
465
985
ms
ms
2
tersscr
Erase Flash Sector execution time
—
14
114
ms
2
tpgmsec512p
tpgmsec512d
tpgmsec1kp
tpgmsec1kd
Program Section execution time
• 512 B program flash
• 512 B data flash
• 1 KB program flash
• 1 KB data flash
—
—
—
—
2.4
4.7
4.7
9.3
—
—
—
—
ms
ms
ms
ms
trd1all
Read 1s All Blocks execution time
—
—
1.8
ms
trdonce
Read Once execution time
—
—
25
μs
1
tpgmonce
Program Once execution time
—
65
—
μs
tersall
Erase All Blocks execution time
—
175
1500
ms
2
tvfykey
Verify Backdoor Access Key execution time
—
—
30
μs
1
tswapx01
tswapx02
tswapx04
tswapx08
Swap Control execution time
• control code 0x01
• control code 0x02
• control code 0x04
• control code 0x08
—
—
—
—
200
70
70
—
—
150
150
30
μs
μs
μs
μs
tpgmpart32k
Program Partition for EEPROM execution time
• 32 KB FlexNVM
—
70
—
ms
tsetramff
tsetram8k
tsetram32k
Set FlexRAM Function execution time:
• Control Code 0xFF
• 8 KB EEPROM backup
• 32 KB EEPROM backup
—
—
—
50
0.3
0.7
—
0.5
1.0
μs
ms
ms
Byte-write to FlexRAM for EEPROM operation
teewr8bers Byte-write to erased FlexRAM location execution
time
—
175
260
μs
3
Table continues on the next page...
Peripheral operating requirements and behaviors
K30 Sub-Family Data Sheet, Rev. 2, 4/2012.
32
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com