Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
106
TSM2NM_TX
CC T Transmitter startup time (sleep mode to
normal mode)5
——
0.2
0.5
µs
TPD2NM_RX
CC T Receiver startup time6 (Power down to
Normal mode)
—
—
20
40
ns
TPD2SM_RX
CC T Receiver startup time6 (Power down to
Sleep mode)
—
—
20
50
ns
TRANSMITTER
VOS_DRF
CC T Common mode voltage
—
1.08
—
1.32
V
|
ΔVOD_DRF|
CC D Differential output voltage swing
(terminated)
—
±100
±200
± 285
mV
TTR_DRF
CC T Rise/Fall time (10% - 90% of swing)
—
0.26
—
1.5
ns
ROUT_DRF
SR — Terminating resistance
VDD_HV_IJ =
5V±10%
65
—
171
Ω
SR —
VDD_HV_IJ =
3V±10%
67
—
198
Ω
COUT_DRF
SR — Capacitance7
——
—
5
pF
RECEIVER
VICOM_DRF
SR — Common mode voltage
—
0.158
—1.69
V
|
ΔVI_DRF|
SR — Differential input voltage
—
100
—
—
mV
VHYS_DRF
CC C Input hysteresis
—
25
—
—
mV
RIN_DRF
CC D Terminating resistance
VDD_HV_IJ =
5V±10%
80
100
120
Ω
D Terminating resistance
VDD_HV_IJ =
3V±10%
80
115
150
Ω
CIN_DRF
CC D Capacitance10
——
3.5
6
pF
LIN_DRF
CC D Parasitic Inductance11
——
5
10
nH
NOTES:
1 V
DD_HV_IOx = 3.3 V -5%,+10%, TJ = –40 / 165 °C, unless otherwise specified
2 All values need to be confirmed during device characterization.
3 Startup time is defined as the time taken by LFAST current reference block for settling bias current after its pwr_down (power
down) has been deasserted. LFAST functionality is guaranteed only after the startup time.
4 Startup time is defined as the time taken by LFAST transmitter for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable. LFAST functionality is guaranteed only after the
startup time.
5 Startup time is defined as the time taken by LFAST transmitter for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable. LFAST functionality is guaranteed only after the
startup time.
6 Startup time is defined as the time taken by LFAST receiver for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable. LFAST functionality is guaranteed only after the
startup time.
Table 46. LFAST electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com