Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
107
3.17.7
FlexRay
3.17.7.1
FlexRay timing parameters
This section provides the FlexRay interface timing characteristics for the input and output signals.
These numbers are recommended per the FlexRay Electrical Physical Layer Specification, Version 3.0.1,
and subject to change per the final timing analysis of the device.
7 Total lumped capacitance including silicon, package pin and bond wire. Application board simulation needed to verify LFAST
template compliancy.
8 Absolute min = 0.15 V – (285 mV / 2) = 0 V
9 Absolute max = 1.6 V + (285 mV / 2) = 1.743 V
10 Total capacitance including silicon, package pin and bond wire
11 Total inductance including silicon, package pin and bond wire
Table 47. LFAST electrical characteristics1
NOTES:
1 The specifications in this table apply to both the interprocessor bus and debug LFAST interfaces.
Symbol
C
Parameter
Condition
Value
Unit
Min
Nominal
Max
FRF_REF
SR
D
SysClk Frequency
—
10
—
262
2 Guarantee of the 26 MHz SysClk frequency specification is pending device characterization.
MHz
ERRREF
CC
D
SysClk Frequency Error
—
–1
—
1
%
DCREF
CC
D
SysClk Duty Cycle
—
45
—
55
%
CLOAD
CC
D
Output Buffer Load Capacitance
—
—
—
10
pF
RLOAD
CC
D
Output Buffer Load Resistance
—
10
—
—
k
Ω
PN
CC
D
Integrated Phase Noise (single
side band)
20 MHz
—
—
–58
dBc
CC
D
10 MHz
—
—
–64
dBc
FVCO
CC
D
PLL VCO Frequency
—
—
320
—
MHz
TLOCK
CC
D
PLL Phase Lock
—
—
—
40
µs
ΔPER
CC
T
PLL Long Term Jitter (peak to
peak)
——
—
600
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com