Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
108
3.17.7.2
TxEN
Figure 41. FlexRay TxEN signal
Figure 42. FlexRay TxEN signal propagation delays
Table 48. TxEN output characteristics1
NOTES:
1All parameters specified for V
DD_HV_IOx = 3.3 V -5%, +10%, TJ = –40
oC / 165 oC, TxEN pin load maximum 25 pF.
Name
Description
Min
Max
Unit
dCCTxENRISE25
Rise time of TxEN signal at CC
—9
ns
dCCTxENFALL25
Fall time of TxEN signal at CC
—9
ns
dCCTxEN01
Sum of delay between Clk to Q of the last FF and
the final output buffer, rising edge
—25
ns
dCCTxEN10
Sum of delay between Clk to Q of the last FF and
the final output buffer, falling edge
—25
ns
dCCTxENRISE
dCCTxENFALL
20 %
80 %
TxEN
dCCTxEN10
dCCTxEN01
TxEN
PE_Clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com