Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 114Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 110 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
110
Figure 44. FlexRay TxD signal propagation delays
3.17.7.4
RxD
Table 50. RxD input characteristics
3.17.7.5
Receiver asymmetry
Name
Description1
NOTES:
1All parameters specified for V
DD_HV_IOx = 3.3 V -5%, +10%, TJ = –40
oC / 165 oC.
Min
Max
Unit
C_CCRxD
Input capacitance on RxD pin
—7
pF
uCCLogic_1
Threshold for detecting logic high
35
70
%
uCCLogic_0
Threshold for detecting logic low
30
65
%
dCCRxD01
Sum of delay from actual input to the D input of the
first FF, rising edge
—10
ns
dCCRxD10
Sum of delay from actual input to the D input of the
first FF, falling edge
—10
ns
Table 51. Receiver asymmetry
Name
Description
Min
Max
Unit
dCCRxAsymAccept15 Acceptance of asymmetry at receiving CC with 15 pF load (*)
-31.5
+44.0
ns
dCCRxAsymAccept25 Acceptance of asymmetry at receiving CC with 25 pF load (*)
-30.5
+43.0
ns
dCCTxD10
dCCTxD01
TxD
PE_Clk
*
*FlexRay Protocol Engine Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com