Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 114Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Ordering information
Freescale Semiconductor
112
5
Ordering information
Table 1. Orderable part number summary
Part number1
NOTES:
1 All packaged devices are PPC, rather than MPC or SPC, until product qualifications are complete.
Not all configurations are available in the PPC parts.
Flash/SRAM
Package
Other features2
2 The N33E maskset version of the device is limited to a maximum frequency of 180 MHz.
PPC5744PFK0MLQ8
2.5 MB/384 KB
144 LQFP (Pb free)
–40 to +125
°C
PPC5744PFK0MKU8
2.5 MB/384 KB
176 LQFP exposed pad (Pb free)3
3 The 176 LQFP-EP package is not planned to be available with the N33E maskset version of the PPC5744 device. The
176 LQFP-EP package is under consideration, but not committed, for future maskset versions.
LFAST interface
–40 to +125
°C
PPC5744PFK0MMM8
2.5 MB/384 KB
257 MAPBGA (Pb free)
LFAST interface
Nexus Aurora
–40 to +125
°C
MPC5743PFK0MLQ8
2 MB/256 KB
144 LQFP (Pb free)
–40 to +125
°C
MPC5743PFK0MMM8
2 MB/256 KB
257 MAPBGA (Pb free)
LFAST interface
Nexus Aurora
–40 to +125
°C
MPC5742PFK0MLQ8
1.5 MB/192 KB
144 LQFP (Pb free)
–40 to +125
°C
MPC5742PFK0MMM8
1.5 MB/192 KB
257 MAPBGA (Pb free)
LFAST interface
Nexus Aurora
–40 to +125
°C
5744P
MPC
LQ
Note: Not all options are available on all devices. See Table 1.
K0
Qualification status
Core code (Power Architecture)
Device number
Fab and mask identifier
Package identifier
Tape and reel status
Temperature range
M = –40°C to +125°C
Package identifier
LQ = 144 LQFP
Qualification status
P = Pre-qualification
Tape and reel status
R = Tape and reel
(blank) = Trays
M
Temperature range
MM = 257 MAPBGA
R
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
KU = 176 LQFP
K = –40°C to +TBD°C
for extended temp
(+165°C TJ)
F
F=FlexRay
(blank) = No FlexRay
8
Operating frequency
Operating frequency
8= 180 MHz
5 = 150 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com