Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6204IPWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 26Page - Texas Instruments THS6204IPWPR Datasheet HTML 27Page - Texas Instruments THS6204IPWPR Datasheet HTML 28Page - Texas Instruments THS6204IPWPR Datasheet HTML 29Page - Texas Instruments THS6204IPWPR Datasheet HTML 30Page - Texas Instruments THS6204IPWPR Datasheet HTML 31Page - Texas Instruments THS6204IPWPR Datasheet HTML 32Page - Texas Instruments THS6204IPWPR Datasheet HTML 33Page - Texas Instruments THS6204IPWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
POWER CONTROL OPERATION
THERMAL INFORMATION
DEVICE PROTECTION FEATURE
DIE
DIE
SideView(a)
EndView(b)
BottomView(c)
Thermal
Pad
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
automatically turns the device back on. This occurs at
approximately +145°C, junction temperature. Note
The THS6204 provides a power control feature that
that
the
THS6204
does
not
have
short-circuit
may be used to reduce system power. The four
protection and care should be taken to minimize the
modes of operation for this power control feature are
output current below the absolute maximum ratings.
full-power, power cutback, idle state, and power
shutdown. These four operating modes are set
through two logic lines A0 and A1. Table 4 shows the
different modes of operation.
The THS6204 is available in thermally-enhanced
RHF and PWP packages, which are members of the
Table 4. Power Control Mode of Operation
PowerPAD family of packages. These packages are
constructed using leadframes upon which the dies
MODE OF
are mounted (see Figure 88 for the RHF package and
OPERATION
BIAS 1
BIAS 2
Figure 89 for the PWP package). This arrangement
Full bias mode
0
0
results in the lead frames being exposed as thermal
Mid bias mode
1
0
pads on the underside of their respective packages.
Low bias mode
0
1
Because a thermal pad has direct thermal contact
Shutdown
1
1
with the die, excellent thermal performance can be
achieved by providing a good thermal path away from
The full-power mode is used for normal operating
the
thermal
pad.
Note
that
the
PowerPAD
is
condition. The power cutback mode brings the
electronically isolated from the active circuitry and
quiescent power to 13.5mA. The idle state mode
any pins. Thus, the PowerPAD can be connected to
keeps a low output impedance but reduces output
any potential voltage within the absolute maximum
power and bandwidth. The shutdown mode has a
voltage range. Ideally, connection of the PAD to the
high output impedance as well as the lowest
most negative supply plane is preferred.
quiescent power (0.5mA).
The PowerPAD package allows for both assembly
If the Bias 1 and Bias 2 pins are left unconnected, the
and thermal management in one manufacturing
THS6204 shuts down.
operation. During the surface-mount solder operation
(when the leads are being soldered), the thermal pad
can also be soldered to a copper area underneath the
package. Through the use of thermal paths within this
The THS6204 has a built-in thermal protection
copper area, heat can be conducted away from the
feature. Should the internal junction temperature rise
package into either a ground plane or other heat
above
approximately
+160°C,
the
device
dissipating device. This is discussed in more detail in
automatically shuts down. Such a condition could
the
PCB
design
considerations
section
of
this
exist with improper heat sinking or if the output is
document.
shorted to ground. When the abnormal condition is
fixed,
the
internal
thermal
shutdown
circuit
(1) The thermal pad is electrically isolated from all terminals in the package.
Figure 88. Views of Thermally-Enhanced RHF Package (Representative Only—Not to Scale)
30
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com