Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6204IPWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 2Page - Texas Instruments THS6204IPWPR Datasheet HTML 3Page - Texas Instruments THS6204IPWPR Datasheet HTML 4Page - Texas Instruments THS6204IPWPR Datasheet HTML 5Page - Texas Instruments THS6204IPWPR Datasheet HTML 6Page - Texas Instruments THS6204IPWPR Datasheet HTML 7Page - Texas Instruments THS6204IPWPR Datasheet HTML 8Page - Texas Instruments THS6204IPWPR Datasheet HTML 9Page - Texas Instruments THS6204IPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±12V (continued)
At TA = +25°C, RF = 1.24kΩ, RL = 100Ω differential, GDiff = 10V/V differential, GCM = 1V/V common-mode, and full bias, unless
otherwise noted. Each port is independently tested.
THS6204IRHF, IPWP
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
LOGIC
Logic 1, with respect to GND(5)
1.9
1.9
1.9
V
Min
B
Bias control pin logic threshold
Logic 0, with respect to GND(5)
0.8
0.8
0.8
V
Max
B
Bias-X = 0.5V (logic 0)
20
30
33
35
µA
Max
A
Bias pin quiescent current
Bias-X = 3.3V (logic 1)
0.3
1
1.1
1.2
µA
Max
A
Turn-on time delay (tON)
1
µs
Typ
C
Time for IS to reach 50%
of final value
Turn-off time delay (tOFF)
1
µs
Typ
C
Bias pin input impedance
50
k
Ω
Typ
C
Amplifier output impedance
Off bias (Bias-1 = 1, Bias-2 = 1)
10 || 5
k
Ω || pF
Typ
C
(5)
The GND pin usable range is from VS– to (VS+ – 5V).
Table 1. Logic Table
BIAS-1
BIAS-2
FUNCTION
DESCRIPTION
0
0
Full bias mode
Amplifiers on with lowest distortion possible
1
0
Mid bias mode
Amplifiers on with power savings and a reduction in distortion performance
0
1
Low bias mode
Amplifiers on with enhanced power savings and a reduction of performance
1
1
Shutdown mode
Amplifiers off and output has high impedance (default state if left floating)
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com