Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6204IPWPR Datasheet(PDF) 25 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 21Page - Texas Instruments THS6204IPWPR Datasheet HTML 22Page - Texas Instruments THS6204IPWPR Datasheet HTML 23Page - Texas Instruments THS6204IPWPR Datasheet HTML 24Page - Texas Instruments THS6204IPWPR Datasheet HTML 25Page - Texas Instruments THS6204IPWPR Datasheet HTML 26Page - Texas Instruments THS6204IPWPR Datasheet HTML 27Page - Texas Instruments THS6204IPWPR Datasheet HTML 28Page - Texas Instruments THS6204IPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DUAL-SUPPLY VDSL DOWNSTREAM
R
=
M
Z
LINE
2n
2
(3)
LINE DRIVER HEADROOM MODEL
P =10
log
´
L
(1mW)
R
´ L
V
RMS
2
(4)
V
=
RMS
10
P
L
(1mW)
R
10
´
´
L
(5)
V =CrestFactor
V
=CF
V
P
RMS
RMS
´
´
(6)
V
=2
CF
V
LP
RMS
P
´
´
(7)
R
1.33kW
G
2kW
2kW
0.1 F
m
0.1 F
m
R
9.1W
S
R
100W
L
Z
LINE
AFE
2V
Max
Assumed
PP
R
2kW
F
20W
20W
R
2kW
F
1/4
THS6204
1/4
THS6204
+12V
-12V
1:1.1
I =159mA
P
I =159mA
P
R
9.1W
S
R
2.7kW
P
R
2.7kW
P
V
=2
CF
LPP
´
´
10
P
L
(1mW)
R
10
´
´
L
(8)
G
=1+
D
2
R
´ F
R
G
(2)
±I =
P
4R
M
1
´
2
1
n
2
V
´ LPP
´
(9)
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
the phone line, and also provide a means of detecting
the received signal for the receiver. The value of
Figure 82 shows an example of a dual-supply VDSL
these resistors (RM) is a function of the line
downstream driver. Both channels of the THS6204
impedance and the transformer turns ratio (n), given
are configured as a differential gain stage to provide
by the following equation:
signal drive to the primary winding of the transformer
(here, a step-up transformer with a turns ratio of
1:1.1). The main advantage of this configuration is
the cancellation of all even harmonic distortion
products. Another important advantage for VDSL is
that each amplifier needs only to swing half of the
total output required driving the load.
The first step in a transformer-coupled, twisted-pair
driver design is to compute the peak-to-peak output
voltage from the target specifications. This is done
using the following equations:
with PL power at the load, VRMS voltage at the load,
and RL load impedance; this gives the following:
with VP peak voltage at the load and CF Crest Factor.
with VLPP: peak-to-peak voltage at the load.
Consolidating Equation 4 through Equation 7 allows
expressing the required peak-to-peak voltage at the
load as a function of the crest factor, the load
Figure 82. Dual-Supply VDSL Downstream Driver
impedance, and the power at the load. Thus,
The analog front end (AFE) signal is ac-coupled to
the driver, and the noninverting input of each
amplifier is biased to the mid-supply voltage (ground
in this case). In addition to providing the proper
This VLPP is usually computed for a nominal line
biasing to the amplifier, this approach also provides a
impedance and may be taken as a fixed design
high-pass filtering with a corner frequency, set here at
target.
5kHz. As the signal bandwidth starts at 26kHz, this
The next step in the design is to compute the
high-pass filter does not generate any problem and
individual amplifier output voltage and currents as a
has the advantage of filtering out unwanted lower
function of VPP on the line and transformer turns ratio.
frequencies.
As this turns ratio changes, the minimum allowed
The input signal is amplified with a gain set by the
supply voltage changes along with it. The peak
following equation:
current in the amplifier output is given by:
With RF = 2kΩ and RG = 1.33kΩ, the gain for this
differential amplifier is RP = 2.1kΩ. This gain boosts
the AFE signal, assumed to be a maximum of 2VPP,
to a maximum of 3VPP.
The two back-termination resistors (9.1
Ω each)
added at each terminal of the transformer make the
impedance of the modem match the impedance of
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com