Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8220IPZPQ1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 28Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 29Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 30Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 31Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 32Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 33Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 34Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 35Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Alternate Registers—GPIO and Input Attenuator
Interrupt Generators
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
Table 17. General RTC Control Register
Settings (continued)
PARAMETER
ADDRESS
BITS
rtc_hours[5:0]
75
5:0
rtc_max_count[15:0]
65
15:0
rtc_minutes[6:0]
74
6:0
rtc_mode
64
1
rtc_month[4:0]
77
4:0
rtc_seconds[6:0]
73
6:0
rtc_year[7:0]
78
7:0
Table 18. GPIO Control Register Settings
PARAMETER
ADDRESS
BITS
gpio
43
11:0
gpio_delay[15:0]
44
15:0
gpio_oe
42
11:0
If some of the GPIO pins on the AFE8220 are to be used to control the gain of a tuner, it may be desirable to
change the GPIO values at the same time as the input attenuation to the DDC. To make this process more
deterministic, the control parameters gpio, ddc0_atten, and ddc1_atten can be accessed through the alternate
control register addresses of 96 and 97. By writing to register 96, gpio and ddc0_atten can be changed in a
single register write; by writing to register 97, gpio and ddc1_atten can be changed in a single register write.
Table 19 shows the operation control settings for these parameters.
Table 19. Alternate GPIO and DDC Control Register
Settings
PARAMETER
ADDRESS
BITS
96
gpio
7:0
97
ddc0_atten
96
14:12
ddc1_atten
97
There are three programmable interrupt pins; IRQ0, IRQ1, and IRQ2. Only the operation of IRQ0 is described
here; IRQ1 and IRQ2 are programmed in the same way, using different control variables.
Interrupts can be generated from various sources. Interrupt generation is enabled through irq0_en, as Table 20
shows.
Table 20. Interrupt Generation
BIT POSITION
SOURCE
BIT POSITION
SOURCE
0
GPIO
8
RTC alarm
1
None
9
RTC seconds rollover
2
I2C Master done
10
RTC minutes rollover
3
Aux ADC done
11
RTC hours rollover
4
IFADC0 over-range
12
RTC months rollover
5
IFADC1 over-range
13
RTC day rollover
6
IFADC0 limit
14
RTC year rollover
7
IFADC1 limit
15
—
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com