Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8220IPZPQ1 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 29Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 30Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 31Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 32Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 33Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 34Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 35Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 36Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Wakeup Interrupt Generator
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Setting a bit of irq0_en allows the generation of an interrupt for the corresponding event. All three IRQ generators
run on the master clock (MCLK). When an interrupt event occurs on a given source signal, a value of 1 is written
to the corresponding bit of irq0_status. This value is held in irq0_status until it is explicitly cleared by writing a 0
to the appropriate bit of irq0_status. A typical sequence upon receipt of an interrupt would be to poll irq0_status
to determine the source of the interrupt, take whatever system action is appropriate, and then clear irq0_status.
Changes to any of the GPIO pins can also be programmed as interrupts. GPIO pin events are defined as
changes from low to high or from high to low, depending on whether the corresponding bit in irq0_gpio_edge is
high or low. GPIO interrupts are enabled by setting the corresponding bit in irq0_gpio_en; they are identified and
cleared by reading and writing the corresponding bit in irq0_gpio_status.
The behavior of the IRQ0 pin is determined by irq0_sense. When irq0_sense is 0, IRQ0 is normally low and goes
high on an unmasked interrupt event. When irq0_sense is 1, IRQ0 is normally high and goes low on an
unmasked interrupt event. Table 21 shows the irq0, irq1, and irq2 operations control settings.
Table 21. IRQ Control Register Settings
PARAMETER
ADDRESS
BITS
irq0_en
50
15:0
irq1_en
55
15:0
irq2_en
60
15:0
irq0_gpio_edge
48
11:0
irq1_gpio_edge
53
11:0
irq2_gpio_edge
58
11:0
irq0_gpio_en
49
11:0
irq1_gpio_en
54
11:0
irq2_gpio_en
59
11:0
irq0_gpio_status
52
11:0
irq1_gpio_status
57
11:0
irq2_gpio_status
62
11:0
irq0_sense
2
1
irq1_sense
2
2
irq2_sense
2
3
irq0_status
51
15:0
irq1_status
56
15:0
irq2_status
61
15:0
The WAKEUP interrupt generator functions in the same way as the IRQ generators with the following exceptions:
1. The WAKEUP generator runs on the RTC clock instead of MCLK;
2. The WAKEUP generator operates when the AFE is in low-power mode, whereas the IRQ generators do not;
and
3. The interrupt sources for the WAKEUP interrupt generator are slightly different.
Table 22 shows the wakeup control settings. Table 23 shows the generator functions.
Table 22. Wakeup Control Register Settings
PARAMETER
ADDRESS
BITS
wakeup_sense
2
0
wakeup_gpio_edge
80
11:0
wakeup_gpio_en
81
11:0
wakeup_en
82
15:0
wakeup_status
83
15:0
wakeup_gpio_status
84
11:0
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com