Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8220IPZPQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 4 Page - Texas Instruments

  AFE8220IPZPQ1 Datasheet HTML 1Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 2Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 3Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 4Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 5Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
AUXILIARY DAC SPECIFICATIONS
DIGITAL I/O SPECIFICATIONS
CLOCK OSCILLATOR SPECIFICATIONS
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
TA = 25°C, AVDD = IOVDD = 3.3 V, DVDD = 1.8 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
Resolution
12
Bits
Output Voltage Range
Input code 0x000
0
V
Output voltage range
Input code 0x3FF
2.7
V
Settling Time
Settling time
0.1% of FSR
10
µs
DC Performance
Offset
±1
% of FSR
Gain error
±5
% of FSR
DNL
Monotonic
±0.5
LSB
INL
Offset and gain errors removed
±3.0
LSB
PSRR
Input code 0x200, AVDD = 3.15 VDC to 3.6 VDC
30.0
dB
TA = 25°C, IOVDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
VIH = 1.6 V to 3.6 V
–10
10
µA
IIL
Low-level input current
VIL = 0 V to 0.4 V
–10
10
µA
VOH
High-level output voltage
IOH = –50 µA
0.8 × IOVDD
V
VOL
Low-level output voltage
IOL = 50 µA
0.2 × IOVDD
V
TA = 25°C, IOVDD = 1.8 V, DVDD = 1.8 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fXTAL
Crystal frequency
See the Master Clock Oscillator section
20
75
MHz
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com