Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8220IPZPQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 3Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 4Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 5Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 10Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
TERMINAL FUNCTIONS
TERMINAL
FUNCTION
DESCRIPTION
NAME
NO.
AVDD1
1
Supply
3.3-V analog supply (internally switched)
CDAC0
2
Output
Control DAC 0 output
AVSS
3
Ground
Analog ground
CDAC1
4
Output
Control DAC 1 output
AVDD1
5
Supply
3.3-V analog supply (internally switched)
AVDD1
6
Supply
3.3-V analog supply (internally switched)
AVSS
7
Ground
Analog ground
AVSS
8
Ground
Analog ground
IF_INP0
9
Input
IF ADC channel 0 positive input
IF_INM0
10
Input
IF ADC channel 0 negative input
IF_VCM
11
Output
IF ADC common-mode voltage
IF_REFP
12
Output
IF ADC positive reference
IF_REFM
13
Output
IF ADC negative reference
AVSS
14
Ground
Analog ground
AVDD1
15
Supply
3.3-V analog supply (internally switched)
AVDD1
16
Supply
3.3-V analog supply (internally switched)
AVSS
17
Ground
Analog ground
AVSS
18
Ground
Analog ground
IF_BIAS
19
Input
IF ADC bias input
AVSS
20
Ground
Analog ground
IF_INM1
21
Input
IF ADC channel 1 negative input
IF_INP1
22
Input
IF ADC channel 1 positive input
AVSS
23
Ground
Analog ground
AVSS
24
Ground
Analog ground
AVDD1
25
Supply
3.3-V analog supply (internally switched)
AVDD
26
Supply
3.3-V analog supply
AVDD
27
Supply
3.3-V analog supply
AVSS
28
Ground
Analog ground
AVDD
29
Supply
3.3-V analog supply
REFCLK
30
Output
Inverted reference clock output
REFCLK
31
Output
Reference clock output
AVSS
32
Ground
Analog ground
DVSS
33
Ground
Digital ground (for MCLK oscillator)
MCLKI
34
Input
MCLK oscillator input
MCLKO
35
Output
MCLK oscillator output
DVDD2
36
Supply
1.8-V digital supply (for MCLK oscillator)
AVSS
37
Ground
Analog ground
AVDD
38
Supply
3.3-V analog supply
AVSS
39
Ground
Analog ground
DVDD
40
Supply
1.8-V digital supply
IOVDD
41
Supply
3.3-V digital I/O supply
DVSS
42
Ground
Digital ground
IOVSS
43
Ground
Digital I/O ground
GRST
44
Input
Global reset (active low)
WAKEUP
45
Output
WAKEUP interrupt output
IRQ0
46
Output
Interrupt output 0
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com